データシートサーチシステム |
|
ISLA214P50 データシート(PDF) 9 Page - Intersil Corporation |
|
ISLA214P50 データシート(HTML) 9 Page - Intersil Corporation |
9 / 37 page ISLA214P50 9 FN7571.1 March 15, 2011 Total Power Dissipation Normal Mode PD 2mA LVDS, (I2E powered down, Fs/4 Filter powered down) 809 mW 3mA LVDS, (I2E powered down, Fs/4 Filter powered down) 835 891 mW 3mA LVDS, (I2E on, Fs/4 Filter off) 867 mW 3mA LVDS, (I2E on, Fs/4 Filter on) 900 958 mW Nap Mode PD 89 104 mW Sleep Mode PD CSB at logic high 7 19 mW Nap/Sleep Mode Wakeup Time Sample Clock Running 200 µs AC SPECIFICATIONS Differential Nonlinearity DNL fIN = 105MHz No Missing Codes -0.99 ±0.5 1.4 LSB Integral Nonlinearity INL fin = 105MHz ±2.5 LSB Minimum Conversion Rate (Note 7) fS MIN 80 MSPS Maximum Conversion Rate fS MAX 500 MSPS Signal-to-Noise Ratio (Note 8) SNR fIN = 30MHz 72.7 dBFS fIN = 105MHz 69.0 72.6 dBFS fIN = 190MHz 71.9 dBFS fIN = 363MHz 70.6 dBFS fIN = 461MHz 70.0 dBFS fIN = 605MHz 68.3 dBFS Signal-to-Noise and Distortion (Note 8) SINAD fIN = 30MHz 72.2 dBFS fIN = 105MHz 68.5 71.7 dBFS fIN = 190MHz 70.7 dBFS fIN = 363MHz 69.3 dBFS fIN = 461MHz 64.7 dBFS fIN = 605MHz 60.7 dBFS Effective Number of Bits (Note 8) ENOB fIN = 30MHz 11.70 Bits fIN = 105MHz 11.09 11.62 Bits fIN = 190MHz 11.44 Bits fIN = 363MHz 11.22 Bits fIN = 461MHz 10.45 Bits fIN = 605MHz 9.79 Bits Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = 500MSPS. Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued) PARAMETER SYMBOL CONDITIONS ISLA214P50 UNITS MIN (Note 5) TYP MAX (Note 5) |
同様の部品番号 - ISLA214P50 |
|
同様の説明 - ISLA214P50 |