データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL24211 データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL24211
部品情報  Programmable VCOM Calibrator with EEPROM and Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24211 データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL24211 Datasheet HTML 3Page - Intersil Corporation ISL24211 Datasheet HTML 4Page - Intersil Corporation ISL24211 Datasheet HTML 5Page - Intersil Corporation ISL24211 Datasheet HTML 6Page - Intersil Corporation ISL24211 Datasheet HTML 7Page - Intersil Corporation ISL24211 Datasheet HTML 8Page - Intersil Corporation ISL24211 Datasheet HTML 9Page - Intersil Corporation ISL24211 Datasheet HTML 10Page - Intersil Corporation ISL24211 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ISL24211
7
FN7585.0
February 23, 2011
The maximum value of IDVR_OUT can be calculated by
substituting the maximum register value of 255 into Equation 2,
resulting in Equation 3:
Equation 2 can also be used to calculate the unit sink current
step size per Register Code, resulting in Equation 4:
Determination of RSET
The ultimate goal for the ISL24211 is to generate an adjustable
voltage between two endpoints, VCOM_MIN and VCOM_MAX, with
a fixed power supply voltage, AVDD. This is accomplished by
choosing the correct values for RSET, R1 and R2. The exact value
of RSET is not critical. Values from 1k to more than 100k will
work under most conditions. The following expression calculates
the minimum RSET value:
Note that this is the absolute minimum value for RSET. Larger
RSET values reduce quiescent power, since R1 and R2 are
proportional to RSET. The ISL24211 is tested with a 5kΩ RSET.
Determination of R1 and R2
With AVDD, VCOM(MIN) and VCOM(MAX) known and RSET chosen
per the above requirements, R1 and R2 can be determined using
Equations 6 and 7:
Final Transfer Function
The voltage at DVR_OUT can be calculated from Equation 8:
With amplifier A2 in the unity-gain configuration (VCOM_OUT tied
to INN as shown in Figure 5), VDVROUT =VCOM_OUT =VCOM.
Example
As an example, suppose the AVDD supply is 15V, the desired
VCOM_MIN= 6.5V and the desired VCOM_MAX = 8.5V. RSET is
arbitrarily chosen to be 7.5kΩ.
First, verify that our chosen RSET meets the minimum
requirement described in Equation 5:
Using Equations 6 and 7, calculate the values of R1 and R2:
Table 1 shows the resulting VCOM voltage as a function of register
value for these conditions.
Output Voltage Span Calculation
It is also possible to calculate VCOM(MIN) and VCOM(MAX) from the
existing resistor values.
VCOM_MIN occurs when the greatest current, IDVR(MAX), is drawn
from the middle node of the R1/R2 divider. Substituting
RegisterValue = 255 into Equation 8 gives the following:
Similarly, RegisterValue = 0 for VCOM(MAX):
IDVROUT MAX
()
AVDD
20RSET
--------------------
=
(EQ. 3)
ISTEP
AVDD
256
() 20
() RSET
()
----------------------------------------------
=
(EQ. 4)
RSET MIN
()
AVDD
16
--------------
VOUT MIN
()
AVDD
20
--------------
⎝⎠
⎛⎞
------------------------------------------------------
⎝⎠
⎜⎟
⎜⎟
⎜⎟
⎜⎟
⎛⎞
k
Ω
()
=
(EQ. 5)
R1
5120 RSET
VCOM MAX
() VCOM MIN
()
256 VCOM MAX
()
VCOM MIN
()
---------------------------------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 6)
R2
5120 RSET
VCOM MAX
() VCOM MIN
()
255 AVDD
VCOM MIN
() 256 VCOM MAX
()
+
---------------------------------------------------------------------------------------------------------------------
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 7)
VDVROUT
AVDD
R2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
1
RegisterValue 1
+
256
---------------------------------------------------
R1
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 8)
TABLE 1. EXAMPLE VDVR_OUT vs REGISTER VALUE
REGISTER VALUE
VDVR_OUT (V)
08.49
20
8.34
40
8.18
60
8.02
80
7.87
100
7.71
120
7.55
127
7.50
140
7.40
160
7.24
180
7.09
200
6.93
220
6.77
240
6.62
255
6.50
7.5k
Ω
()
RSET MIN
()
15
16
-------
6.5V
15
20
-------
⎝⎠
⎛⎞
------------------------------
⎝⎠
⎜⎟
⎜⎟
⎜⎟
⎛⎞
0.163k
Ω
==
⎝⎠
⎜⎟
⎜⎟
⎜⎟
⎛⎞
>
(EQ. 9)
R1
5120 7500
8.5 6.5
256 8.5
6.5
--------------------------------------
⎝⎠
⎛⎞
⋅⋅
35.4k
Ω
==
(EQ. 10)
R2
5120 7500
8.5 6.5
255 15
6.5 256 8.5
+
------------------------------------------------------------------
⎝⎠
⎛⎞
⋅⋅
46.4k
Ω
==
(EQ. 11)
VCOM MIN
()
AVDD
R2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
1
R1
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 12)
VCOM MAX
()
AVDD
R2
R1 R2
+
--------------------
⎝⎠
⎜⎟
⎛⎞
1
1
256
----------
R1
20RSET
--------------------
⎝⎠
⎜⎟
⎛⎞
⎝⎠
⎜⎟
⎛⎞
=
(EQ. 13)


同様の部品番号 - ISL24211

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24211IRTZ RENESAS-ISL24211IRTZ Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211IRTZ-EVALZ INTERSIL-ISL24211IRTZ-EVALZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results

同様の説明 - ISL24211

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
ISL24212IRTZ INTERSIL-ISL24212IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
March 15, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com