データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N40 データシート(PDF) 3 Page - Unisonic Technologies

部品番号 1N40
部品情報  1 Amps, 400 Volts N-CHANNEL POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N40 データシート(HTML) 3 Page - Unisonic Technologies

  1N40 Datasheet HTML 1Page - Unisonic Technologies 1N40 Datasheet HTML 2Page - Unisonic Technologies 1N40 Datasheet HTML 3Page - Unisonic Technologies 1N40 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-529.a
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
400
V
Breakdown Voltage Temperature
Coefficient
BV
DSS/T
J Reference to 25°C, ID=250µA
0.4
V/°C
Drain-Source Leakage Current
IDSS
VDS=400V, VGS=0V
1
µA
Forward
VGS=+30V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=0.7A
4.5
5.8
DYNAMIC PARAMETERS
Input Capacitance
CISS
115 150
pF
Output Capacitance
COSS
20
30
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
3
4
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
4.0
5.5
nC
Gate to Source Charge
QGS
1.1
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=320V, ID=1.8A
(Note 4, 5)
2.1
nC
Turn-ON Delay Time
tD(ON)
7
25
ns
Rise Time
tR
30
70
ns
Turn-OFF Delay Time
tD(OFF)
7
25
ns
Fall-Time
tF
VDD=200V, ID=1.8A, RG=25Ω
(Note 4, 5)
25
60
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
1.4
A
Maximum Body-Diode Pulsed Current
ISM
5.6
A
Drain-Source Diode Forward Voltage
VSD
IS=1.4A, VGS=0V
1.5
V
Body Diode Reverse Recovery Time
tRR
160
ns
Body Diode Reverse Recovery Charge
QRR
IS=1.8A, VGS=0V, dIF/dt=100A/µs
(Note 4)
0.4
µC
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 75mH, IAS = 1.4A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 1.8A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature


同様の部品番号 - 1N40

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
1N40 UTC-1N40 Datasheet
173Kb / 4P
   1A, 400V N-CHANNEL POWER MOSFET
logo
Tiger Electronic Co.,Lt...
1N40 TGS-1N40 Datasheet
643Kb / 2P
   High surge current capability
logo
Microsemi Corporation
1N4000 MICROSEMI-1N4000 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
1N4000A MICROSEMI-1N4000A Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
1N4000A MICROSEMI-1N4000A Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
More results

同様の説明 - 1N40

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
6N40 UTC-6N40 Datasheet
169Kb / 6P
   6 Amps, 400 Volts N-CHANNEL POWER MOSFET
2N40 UTC-2N40 Datasheet
178Kb / 6P
   2 Amps, 400 Volts N-CHANNEL POWER MOSFET
UF730 UTC-UF730_10 Datasheet
343Kb / 6P
   5.5 Amps, 400 Volts N-CHANNEL POWER MOSFET
1N90 UTC-1N90 Datasheet
164Kb / 6P
   1 Amps, 900 Volts N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NGB18N40CLBT4 ONSEMI-NGB18N40CLBT4 Datasheet
135Kb / 10P
   18 Amps, 400 Volts N-Channel D2PAK
March, 2005 ??Rev. 1
logo
Unisonic Technologies
3N80 UTC-3N80_11 Datasheet
210Kb / 6P
   3 Amps, 800 Volts N-CHANNEL POWER MOSFET
7N10 UTC-7N10 Datasheet
170Kb / 6P
   7 Amps, 100 Volts N-CHANNEL POWER MOSFET
7N80 UTC-7N80 Datasheet
177Kb / 6P
   7.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
6N10Z UTC-6N10Z Datasheet
197Kb / 4P
   6.5 Amps, 100 Volts N-CHANNEL POWER MOSFET
2N50 UTC-2N50 Datasheet
173Kb / 6P
   2 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com