データシートサーチシステム |
|
MC20-2R7K-RC データシート(PDF) 1 Page - Allied Components International |
|
MC20-2R7K-RC データシート(HTML) 1 Page - Allied Components International |
|
1 / 1 page Physical Packaging: 2000 pieces per 7 inch reel. Marking: EIA Inductance code Molded Chip Inductors MC20 MC20-R010K-RC .010 10 15 100 2500 0.13 450 MC20-R012K-RC .012 10 17 100 2300 0.14 450 MC20-R015K-RC .015 10 19 100 2100 0.16 450 MC20-R018K-RC .018 10 21 100 1900 0.18 450 MC20-R022K-RC .022 10 23 100 1700 0.20 450 MC20-R027K-RC .027 10 23 100 1500 0.22 450 MC20-R033K-RC .033 10 25 100 1400 0.24 450 MC20-R039K-RC .039 10 25 100 1300 0.27 450 MC20-R047K-RC .047 10 26 100 1200 0.30 450 MC20-R056K-RC .056 10 26 100 1100 0.33 450 MC20-R068K-RC .068 10 27 100 1000 0.36 450 MC20-R082K-RC .082 10 27 100 900 0.40 450 MC20-R10K-RC .10 10 28 100 700 0.44 450 MC20-R12K-RC .12 10 30 25.2 500 0.22 450 MC20-R15K-RC .15 10 30 25.2 450 0.25 450 MC20-R18K-RC .18 10 30 25.2 400 0.28 450 MC20-R22K-RC .22 10 30 25.2 350 0.32 450 MC20-R27K-RC .27 10 30 25.2 320 0.36 450 MC20-R33K-RC .33 10 30 25.2 300 0.40 450 MC20-R39K-RC .39 10 30 25.2 250 0.45 450 MC20-R47K-RC .47 10 30 25.2 220 0.50 450 MC20-R56K-RC .56 10 30 25.2 180 0.55 450 MC20-R68K-RC .68 10 30 25.2 160 0.60 450 MC20-R82K-RC .82 10 30 25.2 140 0.65 450 MC20-1R0K-RC 1.0 10 30 7.96 90 0.70 400 MC20-1R2K-RC 1.2 10 30 7.96 85 0.75 390 MC20-1R5K-RC 1.5 10 30 7.96 70 0.85 370 MC20-1R8K-RC 1.8 10 30 7.96 60 0.90 350 MC20-2R2K-RC 2.2 10 30 7.96 50 1.0 320 MC20-2R7K-RC 2.7 10 30 7.96 45 1.1 290 MC20-3R3K-RC 3.3 10 30 7.96 40 1.2 260 MC20-3R9K-RC 3.9 10 30 7.96 37 1.3 250 MC20-4R7K-RC 4.7 10 30 7.96 32 1.5 220 MC20-5R6K-RC 5.6 10 30 7.96 30 1.6 200 MC20-6R8K-RC 6.8 10 30 7.96 28 1.8 180 MC20-8R2K-RC 8.2 10 30 7.96 25 2.0 170 MC20-100K-RC 10 10 30 2.52 23 2.1 150 MC20-120K-RC 12 10 30 2.52 20 2.5 140 MC20-150K-RC 15 10 30 2.52 19 2.8 130 MC20-180K-RC 18 10 30 2.52 17 3.3 120 MC20-220K-RC 22 10 30 2.52 16 3.7 110 MC20-270K-RC 27 10 30 2.52 14 5.0 80 MC20-330K-RC 33 10 30 2.52 13 5.6 70 MC20-390K-RC 39 10 30 2.52 12 6.4 65 MC20-470K-RC 47 10 30 2.52 10 7.0 60 MC20-560K-RC 56 10 30 2.52 9 8.0 55 MC20-680K-RC 68 10 30 2.52 9 9.0 50 MC20-820K-RC 82 10 30 2.52 8 10 45 MC20-101K-RC 100 10 20 0.796 7 10 40 MC20-121K-RC 120 10 20 0.796 7 11 70 MC20-151K-RC 150 10 20 0.796 6 15 65 MC20-181K-RC 180 10 20 0.796 6 17 60 MC20-221K-RC 220 10 20 0.796 5 21 50 MC20-271K-RC 270 10 20 0.798 6 22 45 MC20-331K-RC 330 10 20 0.796 5 34 40 Available in tighter tolerances. Allied Part Number IDC (mA) Inductance ( µh) Tolerance (%) Q Min. Test Freq. (MHz) SRF Min. (MHz) DCR Max. ( Ω) RoHS ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com 0.126±0.012 (3.20±0.30) 0.098±0.012 (2.5±0.30) 0.087±0.012 (2.2±0.30) 0.024±REF (0.60±REF) 0.047±REF (1.2±REF) 0.063 (1.6) 0.047 (1.2) 0.079 (2.0) Dimensions: Inches (mm) All specifications subject to change without notice. Features • 1210 Molded Chip Inductor • Terminals have high resistance to • Excellent Solder Heat Resistance Electrical Inductance Range: .01µh ~ 330µh Tolerance: 10% over entire range Test Frequency: .01µh ~ .1µh measured at 100Mhz, Operating Temp: -25ºC ~ +85ºC @ 75% RH IDC: The current at which inductance will drop no more then 10% of it’s orginial value. Resistance to Soldering Heat Pre-heating: 150ºC, 1min Solder Composition: Sn/Pb 63/37 Solder Temperature: 260 ± 5ºC Also available in 5% pull forces Immersion Time: 10 ± 1sec, with no damage .12µh ~ .82µh measured at 25.2Mhz, 1µh ~ 8.2µh measured at 7.96Mhz, 10µh ~ 82µh measured at 2.52Mhz, 100µh ~ 470µh measured at .796Mhz, REVISED 10/20/10 |
同様の部品番号 - MC20-2R7K-RC |
|
同様の説明 - MC20-2R7K-RC |