データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3N90 データシート(PDF) 3 Page - Unisonic Technologies

部品番号 3N90
部品情報  3 Amps, 900 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N90 データシート(HTML) 3 Page - Unisonic Technologies

  3N90 Datasheet HTML 1Page - Unisonic Technologies 3N90 Datasheet HTML 2Page - Unisonic Technologies 3N90 Datasheet HTML 3Page - Unisonic Technologies 3N90 Datasheet HTML 4Page - Unisonic Technologies 3N90 Datasheet HTML 5Page - Unisonic Technologies 3N90 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3N90
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-290.A
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage(Note 1)
VSD
ISD=3A ,VGS=0V
1.6
V
Source-Drain Current
ISD
3
A
Source-Drain Current (Pulsed)
ISDM
12
A
Reverse Recovery Current
IRRM
8.7
A
Body Diode Reverse Recovery Time
tRR
510
ns
Body Diode Reverse Recovery Charge
QRR
ISD=3A, di/dt=100A/μs,
VDD=100V, TJ=25°C
2.2
nC
Note: 1.Pulse width=300μs, Duty cycle≦1.5%
Note: 2.COSS(EQ) is defined asa constant equivalent capacitance giving the same charging time as COSS when VDS
increases from 0to 80% VDSS.


同様の部品番号 - 3N90

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
3N90 NJSEMI-3N90 Datasheet
148Kb / 1P
   NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
logo
Inchange Semiconductor ...
3N90 ISC-3N90 Datasheet
68Kb / 2P
   Fast Switching
3N90-220 ISC-3N90-220 Datasheet
167Kb / 2P
   isc N-Channel MOSFET Transistor
3N90-220F ISC-3N90-220F Datasheet
162Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
3N90-E UTC-3N90-E Datasheet
247Kb / 5P
   N-CHANNEL FAST SWITCHING MOSFET
More results

同様の説明 - 3N90

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
3N90Z UTC-3N90Z Datasheet
185Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
8N90 UTC-8N90 Datasheet
163Kb / 5P
   8 Amps, 900 Volts N-CHANNEL POWER MOSFET
5N90 UTC-5N90 Datasheet
171Kb / 6P
   5 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90 UTC-6N90 Datasheet
180Kb / 6P
   6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
1N90 UTC-1N90 Datasheet
164Kb / 6P
   1 Amps, 900 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
   10 Amps, 900 Volts N-CHANNEL POWER MOSFET
11N90 UTC-11N90 Datasheet
199Kb / 6P
   11 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
   2 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90_11 Datasheet
184Kb / 6P
   4 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90 Datasheet
165Kb / 6P
   4 Amps, 900 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com