データシートサーチシステム |
|
TC220LL-101L-RC データシート(PDF) 1 Page - Allied Components International |
|
TC220LL-101L-RC データシート(HTML) 1 Page - Allied Components International |
|
1 / 1 page Features • Low Magnetic Radiation • Low Core Loss • High current capacity up to 26A • Expanded operating temp range Electrical Inductance Range: 1.0µh to 1000µh Additional values available 15% from 10µh to 1000µh Tolerance: 20% from 1.0µh to 8.2µh, ( )TC220LL-1R0M-RC ( )TC220LL-1R8M-RC ( )TC220LL-2R7M-RC ( )TC220LL-3R9M-RC ( )TC220LL-4R7M-RC ( )TC220LL-6R8M-RC ( )TC220LL-8R2M-RC ( )TC220LL-100L-RC ( )TC220LL-120L-RC ( )TC220LL-150L-RC ( )TC220LL-180L-RC ( )TC220LL-220L-RC ( )TC220LL-270L-RC ( )TC220LL-330L-RC ( )TC220LL-390L-RC ( )TC220LL-470L-RC ( )TC220LL-560L-RC ( )TC220LL-680L-RC ( )TC220LL-820L-RC ( )TC220LL-101L-RC ( )TC220LL-121L-RC ( )TC220LL-151L-RC ( )TC220LL-181L-RC ( )TC220LL-221L-RC ( )TC220LL-271L-RC ( )TC220LL-331L-RC ( )TC220LL-391L-RC ( )TC220LL-471L-RC ( )TC220LL-561L-RC ( )TC220LL-680L-RC ( )TC220LL-821L-RC ( )TC220LL-102L-RC Allied Part Number Inductance (µh) L(µH) @ IDC (A) DIM (Nom) 1.0 1.8 2.7 3.9 4.7 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 271 330 390 470 560 680 820 1000 26.1 22.6 20.3 18.5 17.1 16.0 15.1 14.3 14.2 13.6 13.1 12.6 11.8 11.1 10.8 10.3 9.8 7.6 7.1 6.8 5.1 4.9 4.7 4.4 4.2 4.0 3.8 3.7 3.5 2.7 2.5 2.4 1.05 1.05 1.05 1.05 1.05 1.05 1.05 1.05 1.05 1.05 1.05 1.05 1.05 1.05 1.05 1.05 1.05 1.03 1.03 1.03 1.01 1.01 1.01 1.01 1.01 1.01 1.01 1.01 1.01 0.99 0.99 0.99 .053 .053 .053 .053 .053 .053 .053 .053 .053 .053 .053 .053 .053 .053 .053 .053 .053 .042 .042 .042 .034 .034 .034 .034 .034 .034 .034 .034 .034 .027 .027 .027 Please specify Vertical or Horizontal Mount by placing a V or H at the beginning of the part number, i.e. VTC220LL-1R0M (Vertical Mount). All specifications subject to change without notice. DCR (Ω) .8 1.4 1.9 2.7 3.1 4.4 5.1 6.0 6.9 8.3 9.7 11.5 13.5 15.7 18.1 20.9 23.9 33.9 39.0 45.6 63.4 76.0 88.5 103.1 121.1 141.9 161.2 185.7 212.0 307.6 355.5 412.5 .47 .47 .47 .47 .47 .47 .47 .47 .47 .47 .47 .47 .47 .47 .47 .47 .47 .45 .45 .45 .43 .43 .43 .43 .43 .43 .43 .43 .43 .47 .47 .47 .002 .002 .003 .004 .004 .005 .005 .006 .006 .007 .007 .008 .009 .010 .011 .012 .013 .022 .024 .027 .047 .052 .057 .063 .070 .077 .084 .092 .101 .176 .194 .216 Tolerance (%) 20 20 20 20 20 20 20 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 Toroidal Chokes Low Loss TC220LL ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com RoHS Vertical Mount Horizontal Mount 0.55 (13.97) MAX A B C 1.1 (27.94) MAX Dimensions: Inches (mm) Tin lead to coil 0.50 (13.97) • Low DC Resistance • Available in Horizontal or Vertical configuration • Optional Tape Cover Test Frequency: 1KHz Operating Temp: -55ºC ~ +125ºC Storage Temp: -55ºC ~ +125ºC Temp Rise: ∆ T=30ºC Typical at rated IDC Part temperature should not exceed 125ºC including temperature rise. Test Equipment (L): 100 LCR meter or equivalent DCR: Chen Hwa 502 Physical Packaging: Bulk Marking: None REVISED 02/15/10 @ 1KHZ MAX A DIM (Nom) B DIM (Nom) C |
同様の部品番号 - TC220LL-101L-RC |
|
同様の説明 - TC220LL-101L-RC |