データシートサーチシステム |
|
TC210HT-121L-RC データシート(PDF) 1 Page - Allied Components International |
|
TC210HT-121L-RC データシート(HTML) 1 Page - Allied Components International |
|
1 / 1 page Features • Low Magnetic Radiation • Low Core Loss • High current capacity up to 21A Electrical Inductance Range: 1.0µh to 1000µh Additional values available Tolerance: 15% over entire range ( )TC210HT-1R0L-RC ( )TC210HT-1R5L-RC ( )TC210HT-2R2L-RC ( )TC210HT-2R7L-RC ( )TC210HT-3R3L-RC ( )TC210HT-3R9L-RC ( )TC210HT-4R7L-RC ( )TC210HT-5R6L-RC ( )TC210HT-6R8L-RC ( )TC210HT-8R2L-RC ( )TC210HT-100L-RC ( )TC210HT-120L-RC ( )TC210HT-150L-RC ( )TC210HT-180L-RC ( )TC210HT-220L-RC ( )TC210HT-270L-RC ( )TC210HT-330L-RC ( )TC210HT-390L-RC ( )TC210HT-470L-RC ( )TC210HT-560L-RC ( )TC210HT-680L-RC ( )TC210HT-820L-RC ( )TC210HT-101L-RC ( )TC210HT-121L-RC Allied Part Number Inductance ( µH) L(µH) @ I rated IDC (A) DIM (Nom) 1.0 1.5 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 21.7 19.8 18.3 17.1 16.1 15.3 14.9 14.3 13.7 13.2 9.9 9.6 9.1 8.6 6.7 6.4 6.1 5.9 5.6 5.3 5.1 4.8 4.6 3.5 .77 .77 .77 .77 .77 .77 .77 .77 .77 .77 .76 .76 .76 .76 .75 .75 .79 .79 .79 .79 .79 .79 .79 .77 .053 .053 .053 .053 .053 .053 .053 .053 .053 .053 .042 .042 .042 .042 .034 .034 .034 .034 .034 .034 .034 .034 .034 .027 Please specify Vertical or Horizontal Mount by placing a V or H at the beginning of the part number, i.e. VTC210HT-100L (Vertical Mount). All specifications subject to change without notice. DCR (Ω) 0.8 1.2 1.8 2.1 2.6 3.0 3.5 4.1 4.9 5.9 7.6 9.0 11.0 13.0 16.6 20.1 24.0 28.0 33.1 38.5 46.0 54.0 64.5 84.4 .34 .34 .34 .34 .34 .34 .34 .34 .34 .34 .33 .33 .33 .33 .32 .32 .35 .35 .35 .35 .35 .35 .35 .34 .003 .003 .004 .004 .005 .005 .006 .006 .006 .007 .012 .013 .014 .016 .026 .028 .031 .033 .036 .040 .044 .049 .053 .094 Tolerance (%) 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 15 Toroidal Chokes High Temp TC210HT ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com RoHS Vertical Mount Horizontal Mount 0.45 (11.43) MAX A B C 0.86 (21.84) MAX Dimensions: Inches (mm) Tin lead to coil 0.50 (12.70) • Available in Horizontal or Vertical configuration • Optional Tape Cover Test Frequency: 1KHz Operating Temp: -55ºC ~ +200ºC Temp Rise: ∆ T=30ºC Typical at rated IDC Test Equipment (L): 100 LCR meter or equivalent DCR: Chen Hwa 502 Physical Packaging: Bulk Marking: None REVISED 6/25/10 @ 1KHZ MAX A DIM (Nom) B DIM (Nom) C • High Temperature rating up to 200ºC ( )TC210HT-151L-RC ( )TC210HT-181L-RC ( )TC210HT-221L-RC ( )TC210HT-271L-RC ( )TC210HT-331L-RC ( )TC210HT-391L-RC ( )TC210HT-471L-RC ( )TC210HT-561L-RC ( )TC210HT-680L-RC ( )TC210HT-821L-RC ( )TC210HT-102L-RC 150 180 220 270 330 390 470 560 680 820 1000 3.3 3.1 3.0 2.8 2.7 2.1 2.0 1.9 1.8 1.7 1.6 .77 .77 .79 .79 .79 .76 .79 .79 .79 .81 .81 .027 .027 .027 .027 .027 .022 .022 .022 .022 .022 .022 102.8 120.7 144.2 172.6 206.0 266.7 314.4 366.9 435.1 512.0 608.2 .34 .34 .35 .35 .35 .33 .35 .35 .35 .37 .37 .110 .120 .130 .140 .160 .270 .290 .320 .350 .390 .430 15 15 15 15 15 15 15 15 15 15 15 • Cross to Miller / Bourns 2100HT |
同様の部品番号 - TC210HT-121L-RC |
|
同様の説明 - TC210HT-121L-RC |