データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM339-D14-T データシート(PDF) 4 Page - Unisonic Technologies

部品番号 LM339-D14-T
部品情報  QUAD DIFFERENTIAL COMPARATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM339-D14-T データシート(HTML) 4 Page - Unisonic Technologies

  LM339-D14-T Datasheet HTML 1Page - Unisonic Technologies LM339-D14-T Datasheet HTML 2Page - Unisonic Technologies LM339-D14-T Datasheet HTML 3Page - Unisonic Technologies LM339-D14-T Datasheet HTML 4Page - Unisonic Technologies LM339-D14-T Datasheet HTML 5Page - Unisonic Technologies LM339-D14-T Datasheet HTML 6Page - Unisonic Technologies LM339-D14-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM339
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R104-001.H
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Vcc
+- 18 or 36
V
Differential input Voltage
VI(DIFF)
36
V
Input Voltage
VIN
-0.3~36
V
DIP-14
760
mW
SOP-14
560
mW
Power Dissipation
TSSOP-14
PD
440
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ 150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(Vcc=5.0V, Ta=25
°C, All voltage referenced to GND unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
Input Offset Voltage
VI(OFF)
VCM=0 ~ Vcc-1.5
VOUT(p)=1.4V, Rs=0
+-1.5
+-5.0
mV
Input Offset Current
II(OFF)
+-2.3
+-50
nA
Input Bias Current
IBIAS
57
250
nA
Input Common-Mode Voltage
Range
VIN(R)
0
Vcc-1.5
V
Supply Current
Icc
RL=∞
1.1
2.0
mA
Large Signal Voltage Gain
GV
Vcc=15V, RL>15kΩ
50
200
V/mV
Large Signal Response Time
tres
VIN=TTL logic wing
VREF=1.4V, VRL=5V, RL=5.1kΩ
350
ns
Response Time
tres
VRL=5V, RL=5.1kΩ
1400
ns
Output Sink Current
ISINK
VIN (-)>1V, VIN (+)=0V, VOUT(p)<1.5V
6
18
mA
Output Saturation Voltage
VSAT
VIN (-)>1V, VIN (+)=0V, ISINK=4mA
140
400
mV
Output Leakage Current
ILEAK
VIN (+)=1V,VIN (-)=0
VOUT(p)= 5V
VOUT (p)=30V
0.1
1.0
nA
μA
Differential Input Voltage
VIN(DIFF)
36
V


同様の部品番号 - LM339-D14-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LM339-D14-T UTC-LM339-D14-T Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
More results

同様の説明 - LM339-D14-T

メーカー部品番号データシート部品情報
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
   Quad Differential Comparator
logo
Texas Instruments
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
   QUAD DIFFERENTIAL COMPARATOR
logo
Hangzhou Youwang Electr...
UTC339 YOUWANG-UTC339 Datasheet
89Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_12 Datasheet
264Kb / 7P
   QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM139-SP TI1-LM139-SP Datasheet
214Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com