データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPI500W7BGB データシート(PDF) 1 Page - Sparkle Power Inc.

部品番号 SPI500W7BGB
部品情報  500 Watts ATX 12V, 2U Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPI [Sparkle Power Inc.]
ホームページ  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI500W7BGB データシート(HTML) 1 Page - Sparkle Power Inc.

  SPI500W7BGB Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 8A @ 115Vac, 4.0A @ 230Vac
Inrush Current: No Damage
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
storage & shipping: -20°C ~ +80°C
Humidity: 85% on operating, 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
2 second
Efficiency: Typical up to 90%
Rise time: Less than 20ms
Hold-up Time: 16 ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 240x100x70mm /9.4x3.9x 2.7 inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.1A
10A
20A
± 5%
50mV P-P
+5V
0.1A
10A
20A
± 5%
50mV P-P
+12V
1A
20A
40A
± 5%
120mV P-P
-12V
0A
0.25A
0.5A
± 10%
120mV P-P
+5Vsb
0A
1.75A
3.5A
± 5%
50mV P-P
*+3.3V and +5V total output not exceed 130W
* Total output for this subject power supply is 500W
SPI500W7BGB
(80PLUS Gold, RoHS Compliant)
500 Watts ATX 12V, 2U
Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Complied with ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC (Restriction on
Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by : UL/CUL60950-1 2nd TUV EN60950-1 2nd, CB 60950-1 2nd ,
FCC, EMC


同様の部品番号 - SPI500W7BGB

メーカー部品番号データシート部品情報
logo
Sparkle Power Inc.
SPI500W7BG SPI-SPI500W7BG Datasheet
40Kb / 1P
   500 Watts ATX 12V, 2U Switching Power Supply
More results

同様の説明 - SPI500W7BGB

メーカー部品番号データシート部品情報
logo
Sparkle Power Inc.
SPI500W7BG SPI-SPI500W7BG Datasheet
40Kb / 1P
   500 Watts ATX 12V, 2U Switching Power Supply
FSP500-502UN SPI-FSP500-502UN Datasheet
96Kb / 1P
   500 Watts ATX 12V, 2U Switching Power Supply
FSP500-702UN SPI-FSP500-702UN Datasheet
40Kb / 1P
   500 Watts ATX 12V, 2U Switching Power Supply
FSP500-702UH SPI-FSP500-702UH Datasheet
103Kb / 1P
   500 Watts ATX 12V/EPS12V, 2U Switching Power Supply
FSP500-702UP SPI-FSP500-702UP Datasheet
39Kb / 1P
   500 Watts ATX 12V, 2U ,PM Bus Switching Power Supply
FSP500-502UP SPI-FSP500-502UP Datasheet
39Kb / 1P
   500 Watts ATX 12V, 2U, PM Bus Switching Power Supply
FSP400-702US SPI-FSP400-702US Datasheet
40Kb / 1P
   400 Watts ATX 12V, 2U Switching Power Supply
FSP300-702US SPI-FSP300-702US Datasheet
40Kb / 1P
   300 Watts ATX 12V, 2U Switching Power Supply
FSP500-60GHC SPI-FSP500-60GHC Datasheet
262Kb / 1P
   500 Watts ATX12V Switching Power Supply
SPI500ACH8 SPI-SPI500ACH8 Datasheet
293Kb / 1P
   500 Watts ATX12V Switching Power Supply
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com