データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN9611 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FAN9611
部品情報  Interleaved Dual BCM PFC Controllers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9611 データシート(HTML) 4 Page - Fairchild Semiconductor

  FAN9611_11 Datasheet HTML 1Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 2Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 3Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 4Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 5Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 6Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 7Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 8Page - Fairchild Semiconductor FAN9611_11 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9611 / FAN9612 • Rev. 1.1.3
4
Pin Configuration
Figure 5. Pin Layout (Top-View)
Pin Definitions
Pin #
Name
Description
1
ZCD1
Zero Current Detector for Phase 1
of the interleaved boost power stage.
2
ZCD2
Zero Current Detector for Phase 2
of the interleaved boost power stage.
3
5VB
5V Bias
. Bypass pin for the internal supply, which powers all control circuitry on the IC.
4
MOT
Maximum On-Time
adjust for the individual power stages.
5
AGND
Analog Ground
. Reference potential for all setup signals.
6
SS
Soft-Start Capacitor
. Connected to the non-inverting input of the error amplifier.
7
COMP
Compensation Network
connection to the output of the gM error amplifier
8
FB
Feedback pin
to sense the converter’s output voltage; inverting input of the error amplifier.
9
OVP
Output Voltage
monitor for the independent, second-level, latched OVP protection.
10
VIN
Input Voltage
monitor for brownout protection and input-voltage feedforward.
11
PGND
Power Ground
connection.
12
DRV2
Gate Drive Output for Phase 2
of the interleaved boost power stage.
13
DRV1
Gate Drive Output for Phase 1
of the interleaved boost power stage.
14
VDD
External Bias Supply
for the IC.
15
CS2
Current Sense Input for Phase 2
of the interleaved boost power stage.
16
CS1
Current Sense Input for Phase 1
of the interleaved boost power stage.


同様の部品番号 - FAN9611_11

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
More results

同様の説明 - FAN9611_11

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com