データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K0900Y データシート(PDF) 9 Page - Littelfuse

部品番号 K0900Y
部品情報  SIDACs feature glass-passivated junctions to ensure a rugged and dependable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K0900Y データシート(HTML) 9 Page - Littelfuse

Back Button K0900Y Datasheet HTML 4Page - Littelfuse K0900Y Datasheet HTML 5Page - Littelfuse K0900Y Datasheet HTML 6Page - Littelfuse K0900Y Datasheet HTML 7Page - Littelfuse K0900Y Datasheet HTML 8Page - Littelfuse K0900Y Datasheet HTML 9Page - Littelfuse K0900Y Datasheet HTML 10Page - Littelfuse K0900Y Datasheet HTML 11Page - Littelfuse K0900Y Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
321
Revised:December21,2010 02:40PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
Packing Options
Part Number
Marking
Weight
Packaging Mode
Base Quantity
Kxxx0G
Kxxx0G
0.38g
Bulk
1000
Kxxx0G
0.38g
5000
Kxxx2G
Kxxx2G
0.38g
Bulk
1000
Kxxx2G
0.38g
5000
KxxS
0.1g
2500
Kxxx0E
Bulk
2000
Kxxx0E
Ammo Pack
2000
Kxxx0E
2000
Kxxx0E
2000
Note: xxx or xx = voltage
DO-214 Embossed Carrier Reel Pack (RP) Specifications
0.472
(12.0)
0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0) Arbor
Hole Dia.
12.99
(330.0)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.059
DIA
(1.5)
Cover tape


同様の部品番号 - K0900Y

メーカー部品番号データシート部品情報
logo
Littelfuse
K0900Y LITTELFUSE-K0900Y Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K0900yURP LITTELFUSE-K0900yURP Datasheet
840Kb / 9P
   RoHS Compliant
More results

同様の説明 - K0900Y

メーカー部品番号データシート部品情報
logo
Shenzhen Luguang Electr...
1N4933GL LUGUANG-1N4933GL Datasheet
1Mb / 2P
   Glass Passivated Junctions
logo
First Silicon Co., Ltd
MB2M FS-MB2M Datasheet
196Kb / 2P
   Glass passivated chip junctions
logo
Fairchild Semiconductor
SS22-S210 FAIRCHILD-SS22-S210 Datasheet
41Kb / 3P
   Glass passivated junctions
logo
Diode Semiconductor Kor...
1N4933GL DSK-1N4933GL Datasheet
276Kb / 2P
   GLASS PASSIVATED JUNCTIONS
logo
Bruckewell Technology L...
B1S-B10S BWTECH-B1S-B10S Datasheet
418Kb / 4P
   Glass passivated chip junctions.
MB1S BWTECH-MB1S Datasheet
355Kb / 4P
   Glass passivated chip junctions.
logo
Mospec Semiconductor
F10C05 MOSPEC-F10C05 Datasheet
220Kb / 2P
   Glass Passivated chip junctions
logo
Gaomi Xinghe Electronic...
MB1S-10S GXELECTRONICS-MB1S-10S Datasheet
842Kb / 2P
   Glass passivated chip junctions
logo
First Silicon Co., Ltd
MB6S FS-MB6S Datasheet
201Kb / 2P
   Glass passivated chip junctions
logo
EIC discrete Semiconduc...
G105 EIC-G105 Datasheet
26Kb / 1P
   SIDACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com