データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSBH0170NY データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FSBH0170NY
部品情報  Green Mode Fairchild Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0170NY データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button FSBH0170NY Datasheet HTML 4Page - Fairchild Semiconductor FSBH0170NY Datasheet HTML 5Page - Fairchild Semiconductor FSBH0170NY Datasheet HTML 6Page - Fairchild Semiconductor FSBH0170NY Datasheet HTML 7Page - Fairchild Semiconductor FSBH0170NY Datasheet HTML 8Page - Fairchild Semiconductor FSBH0170NY Datasheet HTML 9Page - Fairchild Semiconductor FSBH0170NY Datasheet HTML 10Page - Fairchild Semiconductor FSBH0170NY Datasheet HTML 11Page - Fairchild Semiconductor FSBH0170NY Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A, FSBH0170/A, FSBH0270/A, FSBH0370 • Rev. 1.0.3
8
Electrical Characteristics (Continued)
VDD=15V and TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VFB-OPEN
Output High Voltage
FB Pin Open
5.5
V
VFB-N
Green-Mode Entry FB Voltage
2.3
2.5
2.7
V
VFB-G
Green-Mode Ending FB Voltage
1.9
2.0
2.1
V
VFB-ZDC
Zero Duty Cycle FB Voltage
1.6
V
VFB-OLP
FB Open-Loop
Trigger Level
FSBH0F70A
5.2
5.4
5.6
V
FSBH0x70/A
4.4
4.6
4.8
V
tD-OLP
FB Open-Loop Protection Delay
50
56
59
ms
Current-Sense Section
(14)
ILIM
Peak Current Limit
FSBH0F70A
VIN Open
0.63
0.73
0.83
A
FSBH0170/A
VIN = 1.2V / VIN Open
0.70
0.80
0.90
FSBH0270/A
VIN = 1.2V / VIN Open
0.90
1.00
1.10
FSBH0370
VIN = 1.2V
1.10
1.20
1.30
tSS
Period During Soft-Start Time
(10)
4.5
5.0
5.5
ms
Constant Power Limit (FSBH0170, FSBH0270, FSBH0370)
VLMT1
Threshold Voltage 1 for Current Limit
VIN = 1.2V
0.73
0.80
0.87
V
VLMT2
Threshold Voltage 2 for Current Limit
VIN = 3.6V
0.56
0.63
0.70
V
Current Limit (FSBH0F70A, FSBH0170A, FSBH0270A)
VLMT
Threshold Voltage for Current Limit
FSBH0F70A
0.97
1.00
1.03
V
FSBH0170A/0270A
0.77
0.80
0.83
V
Over-Temperature Protection Section (OTP)
TOTP
Protection Junction Temperature
(10, 12)
+135
+142
+150
°C
TRESTART
Restart Junction Temperature
(10, 13)
TOTP-25
°C
Notes:
10. These parameters, although guaranteed, are not 100% tested in production.
11. Pulse test: pulse width ≤ 300ìs, duty ≤ 2%.
12. When activated, the output is disabled and the latch is turned off.
13. The threshold temperature for enabling the output again and resetting the latch after over-temperature
protection has been activated.
14. These parameters, although guaranteed, are tested in wafer process.
Figure 5. VFB vs. PWM Frequency
PWM Frequency
fOSC
fOSC-G
VFB-N
VFB-G
VFB-ZDC
VFB


同様の部品番号 - FSBH0170NY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSBH0170NY FAIRCHILD-FSBH0170NY Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0170NY_F116 FAIRCHILD-FSBH0170NY_F116 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
More results

同様の説明 - FSBH0170NY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0170 FAIRCHILD-FSBH0170_11 Datasheet
944Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com