データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSBH0F70ANY_F116 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FSBH0F70ANY_F116
部品情報  Green Mode Fairchild Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBH0F70ANY_F116 データシート(HTML) 2 Page - Fairchild Semiconductor

  FSBH0F70ANY_F116 Datasheet HTML 1Page - Fairchild Semiconductor FSBH0F70ANY_F116 Datasheet HTML 2Page - Fairchild Semiconductor FSBH0F70ANY_F116 Datasheet HTML 3Page - Fairchild Semiconductor FSBH0F70ANY_F116 Datasheet HTML 4Page - Fairchild Semiconductor FSBH0F70ANY_F116 Datasheet HTML 5Page - Fairchild Semiconductor FSBH0F70ANY_F116 Datasheet HTML 6Page - Fairchild Semiconductor FSBH0F70ANY_F116 Datasheet HTML 7Page - Fairchild Semiconductor FSBH0F70ANY_F116 Datasheet HTML 8Page - Fairchild Semiconductor FSBH0F70ANY_F116 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSBH0F70A_F116, FSBH0170/0270/0370_F116 • Rev. 1.0.1
2
Ordering Information
Part Number
SenseFET
VIN Pin
(PIN #4)
Operating
Temperature Range
Package
Packing
Method
FSBH0F70ANY_F116
0.5A 700V
Not Available
-40°C to +105°C
8-Pin, Dual In-Line
Package (DIP)
Tube
FSBH0170NY_F116
1.0A 700V
Enabled
FSBH0270NY_F116
2.0A 700V
FSBH0370NY_F116
3.0A 700V
Typical Application Diagram
Figure 1.
Typical Flyback Application
Output Power Table
(1)
Product
230VAC ± 15%
(2)
85-265VAC
Adapter
(3)
Open Frame
(4)
Adapter
(3)
Open Frame
(4)
FSBH0F70A_F116
7W
10W
6W
8W
FSBH0170_F116
10W
15W
9W
13W
FSBH0270_F116
14W
20W
11W
16W
FSBH0370_F116
17.5W
25W
13W
19W
Notes:
1.
The maximum output power can be limited by junction temperature.
2.
230 VAC or 100/115 VAC with doublers.
3.
Typical continuous power in a non-ventilated enclosed adapter with sufficient drain pattern as a heat sink at 50
C
ambient.
4.
Maximum practical continuous power in an open-frame design with sufficient drain pattern as a heat sink at 50
C
ambient.
HV
Drain
GND
VDD
FB
VIN


同様の部品番号 - FSBH0F70ANY_F116

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSBH0F70ANY FAIRCHILD-FSBH0F70ANY Datasheet
708Kb / 16P
   Green Mode Fairchild Power Switch (FPS??
FSBH0F70ANY FAIRCHILD-FSBH0F70ANY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results

同様の説明 - FSBH0F70ANY_F116

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FSCM0465R FAIRCHILD-FSCM0465R Datasheet
450Kb / 20P
   Green Mode Fairchild Power Switch
FSQ100 FAIRCHILD-FSQ100 Datasheet
741Kb / 12P
   Green Mode Fairchild Power Switch
FSL127H FAIRCHILD-FSL127H Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSDM0465RE FAIRCHILD-FSDM0465RE Datasheet
519Kb / 21P
   Green Mode Fairchild Power Switch
FSDH321 FAIRCHILD-FSDH321_04 Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
FSBH0F70A FAIRCHILD-FSBH0F70A_10 Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
FSGM0465RB FAIRCHILD-FSGM0465RB Datasheet
927Kb / 18P
   Green-Mode Fairchild Power Switch
FSGM0765R FAIRCHILD-FSGM0765R Datasheet
823Kb / 18P
   Green-Mode Fairchild Power Switch
FSL137H FAIRCHILD-FSL137H_10 Datasheet
1Mb / 15P
   Green Mode Fairchild Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com