データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4800CP データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 ML4800CP
部品情報  Power Factor Correction and PWM Controller Combo
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4800CP データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button ML4800CP Datasheet HTML 2Page - Fairchild Semiconductor ML4800CP Datasheet HTML 3Page - Fairchild Semiconductor ML4800CP Datasheet HTML 4Page - Fairchild Semiconductor ML4800CP Datasheet HTML 5Page - Fairchild Semiconductor ML4800CP Datasheet HTML 6Page - Fairchild Semiconductor ML4800CP Datasheet HTML 7Page - Fairchild Semiconductor ML4800CP Datasheet HTML 8Page - Fairchild Semiconductor ML4800CP Datasheet HTML 9Page - Fairchild Semiconductor ML4800CP Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ML4800
PRODUCT SPECIFICATION
6
REV. 1.0.5 9/25/01
Typical Performance Characteristics
VRMS(V)
02
4
5
13
480
420
360
300
240
180
120
60
0
180
160
140
120
100
80
60
40
20
0
VFB (V)
05
3
14
2
180
160
140
120
100
80
60
40
20
0
IEA INPUT VOLTAGE (mV)
–500
500
0
Voltage Error Amplifier (VEA) Transconductance (gm)
Current Error Amplifier (IEA) Transconductance (gm)
Gain Modulator Transfer Characteristic (K)
K
I
GAINMOD
84
µA
()
IAC
5
0.625
()
×
-----------------------------------------------------mV
1
=


同様の部品番号 - ML4800CP

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ML4800CP FAIRCHILD-ML4800CP Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800CP FAIRCHILD-ML4800CP Datasheet
119Kb / 14P
   Internally synchronized leading-edge PFC and trailing-edge PWM in one IC
More results

同様の説明 - ML4800CP

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4804 FAIRCHILD-ML4804 Datasheet
145Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4824 FAIRCHILD-ML4824 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com