データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QXX08DYYTP データシート(PDF) 4 Page - Littelfuse

部品番号 QXX08DYYTP
部品情報  8 Amp bi-directional solid state switch series is designed for AC switching and phase
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX08DYYTP データシート(HTML) 4 Page - Littelfuse

  QXX08DYYTP Datasheet HTML 1Page - Littelfuse QXX08DYYTP Datasheet HTML 2Page - Littelfuse QXX08DYYTP Datasheet HTML 3Page - Littelfuse QXX08DYYTP Datasheet HTML 4Page - Littelfuse QXX08DYYTP Datasheet HTML 5Page - Littelfuse QXX08DYYTP Datasheet HTML 6Page - Littelfuse QXX08DYYTP Datasheet HTML 7Page - Littelfuse QXX08DYYTP Datasheet HTML 8Page - Littelfuse QXX08DYYTP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
78
Revised: July 29, 2010 12:24 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Lxx08xx & Qxx08xx & Qxx08xHx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Standard Triac
Symbol
Test Conditions
Quadrant
Qxx08x4
Qxx08x5
Unit
I
GT
V
D = 12V
R
L
IV
MAX.
TYP.
25
50
50
mA
V
GT
MAX.
V
V
GD
V
D = VDRM
R
L
T
J = 125°C
ALL
0.2
V
I
I
T = 200mA
MAX.
50
50
mA
dv/dt
V
D = VDRM
Gate Open T
J = 125°C
400V
150
V/μs
125
800V
100
1000V
80
(dv/dt)c
J = 125°C
TYP.
4
4
V/μs
t
gt
I
G = 100mA
PW = 15μs I
T
TYP.
μs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)
Symbol
Test Conditions
Quadrant
Qxx08xH3
Qxx08xH4
Unit
I
GT
V
D = 12V
R
L
MAX.
10
mA
V
GT
MAX.
V
V
GD
V
D = VDRM
R
L
T
J = 125°C
0.2
V
I
I
T = 100mA
MAX.
15
mA
dv/dt
V
D = VDRM
Gate Open T
J = 125°C
400V
400
V/μs
50
800V
200
1000V
100
400V
450
50
800V
250
1000V
150
(dv/dt)c
J = 125°C
20
25
V/μs
t
gt
I
G = 100mA
PW = 15μs I
T
TYP.
4.0
4.0
μs


同様の部品番号 - QXX08DYYTP

メーカー部品番号データシート部品情報
logo
Littelfuse
QXX08LT LITTELFUSE-QXX08LT Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTH LITTELFUSE-QXX08LTH Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTHTP LITTELFUSE-QXX08LTHTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
QXX08LTTP LITTELFUSE-QXX08LTTP Datasheet
763Kb / 8P
   The Quadrac is an internally triggered Triac designed for AC switching
More results

同様の説明 - QXX08DYYTP

メーカー部品番号データシート部品情報
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com