データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QXX8E3 データシート(PDF) 2 Page - Littelfuse

部品番号 QXX8E3
部品情報  0.8 Amp bi-directional solid state switch series is designed for AC switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX8E3 データシート(HTML) 2 Page - Littelfuse

  QXX8E3 Datasheet HTML 1Page - Littelfuse QXX8E3 Datasheet HTML 2Page - Littelfuse QXX8E3 Datasheet HTML 3Page - Littelfuse QXX8E3 Datasheet HTML 4Page - Littelfuse QXX8E3 Datasheet HTML 5Page - Littelfuse QXX8E3 Datasheet HTML 6Page - Littelfuse QXX8E3 Datasheet HTML 7Page - Littelfuse QXX8E3 Datasheet HTML 8Page - Littelfuse QXX8E3 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
16
Revised: March 31, 2010 03:44 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
0.8 Amp Sensitive & Standard Triacs
LxX8Ex & LxXx & QxX8Ex & QxXx Series
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Sensitive Triac (4 Quadrants)
Symbol
Test Conditions
Quadrant
LxX8E3
LxX3
LxX8E5
LxX5
LxX8E6
LxX6
LxX8E8
LxX8
Unit
I
V
D
L = 30
355
10
mA
IV
3
5
10
20
V
ALL
1.3
V
V
V
D = V
L = 3.3 k
T
J = 110°C
ALL
0.2
V
I
I
T = 100mA
510
10
15
mA
dv/dt
V
D = V
J = 100°C
400V
TYP.
15
15
25
30
V/μs
600V
10
10
20
25
J = 110°C
TYP.
0.5
1
1
2
V/μs
t
gt
I = 2 x I
PW = 15μs I
T
TYP.
2.8
3.0
3.0
3.2
μs
Absolute Maximum Ratings — Standard Triac
Symbol
Parameter
Value
Unit
I
QxXE8y/
QxXy
T
C = 60°C
0.8
A
I
Non repetitive surge peak on-state current
(full cycle, T
J
t = 20 ms
8.3
A
t = 16.7 ms
10
I2tI2t Value for fusing
t
p = 8.3 ms
0.41
A2s
di/dt
Critical rate of rise of on-state current
(I = 200mA with
T
J = 125°C
20
A/μs
I
Peak gate trigger current
t
p = 10 μs;
I
I
T
J = 125°C
1A
P
Average gate power dissipation
T
J = 125°C
0.2
W
T
stg
L/QxX8Ey
-65 to 150
°C
L/QxXy
-40 to 150
T
J
Operating junction temperature range
L/QxX8Ey
-65 to 125
°C
L/QxXy
-40 to 125
Note: x = voltage, y = sensitivity
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Standard Triac
Symbol
Test Conditions
Quadrant
QxX8E3
QxX3
QxX8E4
QxX4
Unit
I
V
D
L = 60
10
25
mA
IV
TYP.
25
50
V
1.3
1.3
V
V
V
D = V
L = 3.3 k
T
J = 125°C
ALL
0.2
0.2
V
I
I
T = 200mA
15
25
mA
dv/dt
V
D = V
J = 125°C
400V
25
35
V/μs
600V
15
25
J = 125°C
TYP.
1
1
V/μs
t
gt
I = 2 x I
PW = 15μs I
T
TYP.
2.5
3.0
μs
Note: x = voltage


同様の部品番号 - QXX8E3

メーカー部品番号データシート部品情報
logo
Littelfuse
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Qxx04D3 LITTELFUSE-Qxx04D3 Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
More results

同様の説明 - QXX8E3

メーカー部品番号データシート部品情報
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com