データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QXX3 データシート(PDF) 4 Page - Littelfuse

部品番号 QXX3
部品情報  0.8 Amp bi-directional solid state switch series is designed for AC switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX3 データシート(HTML) 4 Page - Littelfuse

  QXX3 Datasheet HTML 1Page - Littelfuse QXX3 Datasheet HTML 2Page - Littelfuse QXX3 Datasheet HTML 3Page - Littelfuse QXX3 Datasheet HTML 4Page - Littelfuse QXX3 Datasheet HTML 5Page - Littelfuse QXX3 Datasheet HTML 6Page - Littelfuse QXX3 Datasheet HTML 7Page - Littelfuse QXX3 Datasheet HTML 8Page - Littelfuse QXX3 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
18
Revised: March 31, 2010 03:44 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
0.8 Amp Sensitive & Standard Triacs
LxX8Ex & LxXx & QxX8Ex & QxXx Series
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
Junction Temperature (T
J)- ºC
110
125
85
60
35
10
-15
-40
-65
4.0
0.0
1.0
2.0
3.0
Figure 4: Normalized DC Gate Trigger Voltage for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- ºC
110
125
85
60
35
10
-15
-40
-65
4.0
0.0
1.0
2.0
3.0
RMS On-State Current (I
T(RMS)) - Amps
1
0.75
0.5
0.25
0
0
0.3
0.5
0.8
1.0
1.3
CURRENT WAVE FORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. On-State Current
RMS On-State Current (I
T(RMS)) - Amps
1.0
0.8
0.6
0.4
0.2
0
50
60
70
80
90
100
110
120
130
LxX8Ex / LxXx
QxX8Ex / QxXx
CURRENT WAVE FORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
CASE TEMPERATURE: Measured as
shown on Dimensional Drawing
Figure 8: On-State Current vs. On-State Voltage
(Typical)
On-State Voltage (V
T) - Volts
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
T
J = 25°C
1
2
3
4
5
6
Figure 7: Maximum Allowable Ambient Temperature
vs. On-State Current
RMS On-State Current (I
T(RMS)) - Amps
0.6
0.5
0.4
0.3
0.2
0.1
0.0
120
100
80
60
40
20
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360°
FREE AIR RATING – NO HEATSINK


同様の部品番号 - QXX3

メーカー部品番号データシート部品情報
logo
Littelfuse
QXX30LH5 LITTELFUSE-QXX30LH5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
QXX30LH5TP LITTELFUSE-QXX30LH5TP Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
QXX35NH5RP LITTELFUSE-QXX35NH5RP Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
QXX35NH5TP LITTELFUSE-QXX35NH5TP Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
More results

同様の説明 - QXX3

メーカー部品番号データシート部品情報
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com