データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P0080Q22CLRP データシート(PDF) 2 Page - Littelfuse

部品番号 P0080Q22CLRP
部品情報  Q2L Series 3.3x3.3 QFN are low capacitance SIDACtor짰 devices designed to protect
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0080Q22CLRP データシート(HTML) 2 Page - Littelfuse

  P0080Q22CLRP Datasheet HTML 1Page - Littelfuse P0080Q22CLRP Datasheet HTML 2Page - Littelfuse P0080Q22CLRP Datasheet HTML 3Page - Littelfuse P0080Q22CLRP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIDACtor® ProtectionThyristors
64
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Broadband OptimizedProtection
Series
I
pp
I
TSM
di/dt
2x10μs
1.2x50μs/8x20μs
10x160μs
10x560μs
10x1000μs
50 / 60 Hz
A min
A min
A min
A min
A min
A min
Amps/μs max
C
500
400
200
150
100
30
500
Surge Ratings
Package
Symbol
Parameter
Value
Unit
3.3 x 3.3 QFN
T
J
Operating Junction Temperature Range
°C
T
S
Storage Temperature Range
°C
R
0JA
Thermal Resistance: Junction to Ambient
120
°C/W
Thermal Considerations
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (μs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x td Pulse Waveform
-8
-40 -20
0
20 40 60 80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
JunctionTemperature (TJ) – °C
25 °C
25°C
CaseTemperature (T
C) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100 120 140 160
Normalized V
S Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
Notes:
- Peak pulse current rating (I
PP) is repetitive and guaranteed for the life of the product.
- I
PP
- The device must initially be in thermal equilibrium with -40°C < T
J <


同様の部品番号 - P0080Q22CLRP

メーカー部品番号データシート部品情報
logo
Littelfuse
P0080Q22CLRP LITTELFUSE-P0080Q22CLRP Datasheet
441Kb / 4P
   Q2L Series (C-Rated) SIDACtor짰 Device
More results

同様の説明 - P0080Q22CLRP

メーカー部品番号データシート部品情報
logo
Littelfuse
P0080Q12ALRP LITTELFUSE-P0080Q12ALRP_11 Datasheet
143Kb / 5P
   Q2L Series 3x3 QFN are low capacitance SIDACtor짰 devices designed to protect
P0080ECMCLXXX LITTELFUSE-P0080ECMCLXXX Datasheet
147Kb / 4P
   MC Series TO-92 are low capacitance SIDACtor짰 devices designed to protect
P0080SAMCLRP LITTELFUSE-P0080SAMCLRP Datasheet
135Kb / 4P
   MC Series DO-214 are low capacitance SIDACtor짰 devices designed to protect
T10A060BXX LITTELFUSE-T10A060BXX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
T10B080BXX LITTELFUSE-T10B080BXX Datasheet
121Kb / 4P
   T10B Series are SIDACtor짰 devices designed protect baseband equipment
logo
DONGGUAN YOU FENG WEI E...
P0080SA-SMB YFWDIODE-P0080SA-SMB Datasheet
768Kb / 5P
   SIDACtor짰 Series DO-214AA are designed to protect
logo
Littelfuse
P0642SALRP LITTELFUSE-P0642SALRP Datasheet
142Kb / 5P
   TwinChip??Series DO-214 are very low capacitance SIDACtor짰 devices designed
P0084UCMCLXX LITTELFUSE-P0084UCMCLXX Datasheet
152Kb / 5P
   MC Multiport Series MS-013 are low capacitance SIDACtor짰 devices designed
P0080EALXXX LITTELFUSE-P0080EALXXX Datasheet
157Kb / 5P
   SIDACtor짰 Series TO-92 are designed to protect baseband equipment
P0602AALXX LITTELFUSE-P0602AALXX Datasheet
145Kb / 5P
   The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com