データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QXX25L6 データシート(PDF) 11 Page - Littelfuse

部品番号 QXX25L6
部品情報  25 Amp bi-directional solid state switch series is designed for AC switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX25L6 データシート(HTML) 11 Page - Littelfuse

Back Button QXX25L6 Datasheet HTML 3Page - Littelfuse QXX25L6 Datasheet HTML 4Page - Littelfuse QXX25L6 Datasheet HTML 5Page - Littelfuse QXX25L6 Datasheet HTML 6Page - Littelfuse QXX25L6 Datasheet HTML 7Page - Littelfuse QXX25L6 Datasheet HTML 8Page - Littelfuse QXX25L6 Datasheet HTML 9Page - Littelfuse QXX25L6 Datasheet HTML 10Page - Littelfuse QXX25L6 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
127
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Qxx25xx & Qxx25xHx Series
25 Amp Standard & Alternistor (High Commutation) Triacs
Gate
MT1 / Cathode
MT2 / Anode
0.512 (13.0) Arbor
Hole Dia.
0.945
(24.0)
0.63
(16.0)
1.01
(25.7)
12.99
(330.0)
0.827
(21.0)
0.157
(4.0)
Direction of Feed
Dimensions
are in inches
(and millimeters).
*
* Cover tape
0.059
DIA
(1.5)
TO-263 Embossed Carrier Reel Pack (RP) Specifications
Meets all EIA-481-2 Standards
Part Numbering System
Part Marking System
Q 60 25 N H6
DEVICE TYPE
Q: Triac or Alternistor
VOLTAGE RATING
40: 400V
60: 600V
80: 800V
K0: 1000V
CURRENT RATING
25: 25A
PACKAGE TYPE
L : TO-220AB Isolated
R : TO-220AB Non-Isolated
N : TO-263 (D2 -Pak)
K : TO-218AC Isolated
J : TO-218X Isolated
P : Fastpak
SENSITIVITY
Standard Triac
5: 50mA
Alternistor
H5: 50mA
6: 80mA
H6: 80mA
TO-218AC (K Package)
TO-218X (J Package)
yxxxx
Q6025L5
TO-220AB (R & L Packages)
TO-263 (N Package)
Fastpak (P Package)
Q6025K6
yxxxx
yxxxx
Q6025P5
®
®
®


同様の部品番号 - QXX25L6

メーカー部品番号データシート部品情報
logo
Littelfuse
QXX25L6 LITTELFUSE-QXX25L6 Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25L6 LITTELFUSE-QXX25L6 Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Qxx25L6 LITTELFUSE-Qxx25L6 Datasheet
758Kb / 11P
   RoHS compliant
QXX25L6TP LITTELFUSE-QXX25L6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
QXX25L6TP LITTELFUSE-QXX25L6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
More results

同様の説明 - QXX25L6

メーカー部品番号データシート部品情報
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com