データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

QXX40K7TP データシート(PDF) 7 Page - Littelfuse

部品番号 QXX40K7TP
部品情報  40 Amp bi-directional solid state switch series is designed for AC switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX40K7TP データシート(HTML) 7 Page - Littelfuse

  QXX40K7TP Datasheet HTML 1Page - Littelfuse QXX40K7TP Datasheet HTML 2Page - Littelfuse QXX40K7TP Datasheet HTML 3Page - Littelfuse QXX40K7TP Datasheet HTML 4Page - Littelfuse QXX40K7TP Datasheet HTML 5Page - Littelfuse QXX40K7TP Datasheet HTML 6Page - Littelfuse QXX40K7TP Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
153
©2010 Littelfuse, Inc
Revised: May 10, 2010 09:33 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Teccor® brand Thyristors
Qxx40xx Series
40 Amp Alternistor (High Commutation) Triacs
DEVICE TYPE
Q : Alternistor Triac
CURRENT
40 : 40A
PACKAGE TYPE
K : TO-218AC Isolated
J : TO-218X Isolated
VOLTAGE
40 : 400V
60 : 600V
80 : 800V
K0 : 1000V
SENSITIVITY
H6: 80mA (QI, II, III)
7 : 100mA (QI, II, III)
Q 60 40 K 7
5 : 50mA, (QI, II, III)
Part Numbering System
Part Marking System
TO-218 AC (K Package)
TO-218 X – (J Package)
®
yxxxx
Q6040K7
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
Qxx40KH6TP
Qxx40KH6
4.40g
Tube
250 (25 per tube)
Qxx40JH6TP
Qxx40JH6
5.23g
Tube
250 (25 per tube)
Qxx40K5TP
Qxx40K5
4.40g
Tube
250 (25 per tube)
Qxx40K7TP
Qxx40K7
4.40g
Tube
250 (25 per tube)
Qxx40J7TP
Qxx40J7
5.23g
Tube
250 (25 per tube)
Note: xx = Voltage
Product Selector
Part Number
Voltage
Gate Sensitivity Quadrants
I
T(RMS)
Type
Package
400V
600V
800V
1000V
I – II – III
IV
Qxx40KH6
XXXX
80mA
40A
Alternistor Triac
TO-218AC
Qxx40JH6
X
X
X
80mA
40A
Alternistor Triac
TO-218X
Qxx40K5
X
X
X
50mA
40A
Alternistor Triac
TO-218AC
Qxx40K7
XXXX
100 mA
40A
Alternistor Triac
TO-218AC
Qxx40J7
X
X
X
100 mA
40A
Alternistor Triac
TO-218X
Note: xx = Voltage


同様の部品番号 - QXX40K7TP

メーカー部品番号データシート部品情報
logo
Littelfuse
QXX4 LITTELFUSE-QXX4 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
More results

同様の説明 - QXX40K7TP

メーカー部品番号データシート部品情報
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com