データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL21W02-D1T34 データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TL21W02-D1T34
部品情報  LED lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL21W02-D1T34 データシート(HTML) 6 Page - Toshiba Semiconductor

  TL21W02-D1T34 Datasheet HTML 1Page - Toshiba Semiconductor TL21W02-D1T34 Datasheet HTML 2Page - Toshiba Semiconductor TL21W02-D1T34 Datasheet HTML 3Page - Toshiba Semiconductor TL21W02-D1T34 Datasheet HTML 4Page - Toshiba Semiconductor TL21W02-D1T34 Datasheet HTML 5Page - Toshiba Semiconductor TL21W02-D1T34 Datasheet HTML 6Page - Toshiba Semiconductor TL21W02-D1T34 Datasheet HTML 7Page - Toshiba Semiconductor TL21W02-D1T34 Datasheet HTML 8Page - Toshiba Semiconductor TL21W02-D1T34 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TL21W02-D1(T34
2011-04-11
6
WL-0755
TENTATIVE
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents.
It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the
recommended conditions). In selecting the one for your actual usage, please perform sufficient review
on washing condition, using condition and etc.
ASAHI CLEAN AK-225AES
: (made by ASAHI GLASS)
KAO CLEAN TROUGH 750HS
: (made by KAO)
PINE ALPHA ST-100S
: (made by ARAKAWA CHEMICAL)
Precautions when Mounting
Do not apply force to the plastic part of the LED under high-temperature conditions.
To avoid damaging the LED plastic, do not apply friction using a hard material.
When installing the PCB in a product, ensure that the device does not come into contact with other components.
Tape Specifications
1.
Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The
method of classification is as below. (this method, however does not apply to products whose electrical
characteristics differ from standard Toshiba specifications)
(1)
Tape Type: T34 (8-mm pitch)
(2)
Example
2.
Tape dimensions
Unit: mm
Symbol
Dimension
Tolerance
Symbol
Dimension
Tolerance
D
1.5
+0.1/−0
P2
2.0
±0.05
E
1.75
±0.1
W
8.0
±0.2
P0
4.0
±0.1
P
8.0
±0.1
t
0.3
±0.05
A0
(2.4)
±0.1
F
3.5
±0.05
B0
(2.8)
±0.1
D1
1.1
±0.1
K0
0.8
±0.05
TL21W02-D1
(T34
Tape type
Toshiba product No.
P
D1
F
E
W
極性
t
K0
B0
D
P2
P0
A0


同様の部品番号 - TL21W02-D1T34

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
TL21W02-DT34 TOSHIBA-TL21W02-DT34 Datasheet
259Kb / 9P
   LED lamps
More results

同様の説明 - TL21W02-D1T34

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com