データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK740-411 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 STK740-411
部品情報  3.3V/5A Single Output Separate Excitation Chopper Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK740-411 データシート(HTML) 1 Page - Sanyo Semicon Device

  STK740-411 Datasheet HTML 1Page - Sanyo Semicon Device STK740-411 Datasheet HTML 2Page - Sanyo Semicon Device STK740-411 Datasheet HTML 3Page - Sanyo Semicon Device STK740-411 Datasheet HTML 4Page - Sanyo Semicon Device STK740-411 Datasheet HTML 5Page - Sanyo Semicon Device STK740-411 Datasheet HTML 6Page - Sanyo Semicon Device STK740-411 Datasheet HTML 7Page - Sanyo Semicon Device STK740-411 Datasheet HTML 8Page - Sanyo Semicon Device STK740-411 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Thick Film Hybrid IC
3.3V/5A Single Output Separate Excitation
Chopper Regulator
Ordering number:EN6106
STK740-441
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
63099RM (KT) No.6106–1/10
1
12
11
×2.54=27.94
0.5
2.54
37.0
4.5
2.9
Package Dimensions
unit:mm
4171-SIP12
[STK740-441]
SANYO : SIP-12
Overview
The STK740-441 is a separate-excitation step-down
chopper regulator hybrid IC for the secondstage circuit
and optimal as a 3.3V local power supply for use in logic
circuit that includes both 5V and 3.3V systems. This IC
incorporates in the package all the necessary circuits for
a chopper regulator including power switch, error
amplifier, soft start, shutdown type output short protec-
tion, low-voltage malfunction prevention, on/off, and
snubber circuits. Therefore, external components re-
quired are input and output capacitors and choke coil
only and this allows this IC to be used to construct a
large-current (5A) chopper regulator as if a 3-pin regula-
tor were used.
Applications
• 3.3V local power supply for the logic circuit where
both 5V and 3.3V systems are constructed togeter.
Features
• Adoption of Sanyo IMST ; Insulated Metal Substrate
Technology, allows the circuit to be operated without
using a heat sink (see “No Fin Output Current Derat-
ing” chart in the page 6).
• Slim package reduces mounting space.
• Typical efficiency of 88% at DC 5V input, 2.5A output.
• Fine adjustment of output voltage enable.
• 50 kHz operating frequency.
• Low-RON resistance power MOSFET adopted.
• Low-VF Schottky barrier diode adopted.


同様の部品番号 - STK740-411

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK740-411 SANYO-STK740-411 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
More results

同様の説明 - STK740-411

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
STA810M SANKEN-STA810M Datasheet
445Kb / 3P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
logo
Sanyo Semicon Device
STK731B SANYO-STK731B Datasheet
160Kb / 6P
   12V Single Output MOS Chopper Regulator?
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
   5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com