データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GMA6801 データシート(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

部品番号 GMA6801
部品情報  Suitable for Driver Stage of Small Motor Complementary to GMC6802
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
ホームページ  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMA6801 データシート(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMA6801 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMA6801 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMA6801 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMA6801
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
電特性
(T
T
T
T
A
A
A
A
=25
=25
=25
=25
℃ unless
unless
unless
unless
otherwise
otherwise
otherwise
otherwise
not
not
not
not
ed
ed
ed
ed
如無特殊說明,溫度爲 25℃ )
Characteristic
特性參數
Symbol
符號
Test Condition
測試條件
Min
最小值
Typ
典型值
Max
最大值
Unit
單位
Collector Cutoff Current
集電極截止電流
ICBO
VCB=-15V,IE=0
-150
nA
Emitter Cutoff Current
發射極截止電流
IEBO
VEB=-4V,IC=0
-150
nA
Collector-Base Breakdown Voltage
集電極-極擊穿電壓
V(BR)CBO
IC=-100μA
-25
V
Collector-Emitter Breakdown Voltage
集電極-射極擊穿電壓
V(BR)CEO
IC=-1mA
-18
V
Emitter-Base Breakdown Voltage
發射極-基極擊穿電壓
V(BR)EBO
IE=-100μA
-5
V
DC Current Gain
直流電流增益
HFE(1)
VCE=-1V,
IC=-100mA
85
400
HFE(2)
VCE=-1V,
IC=-2000mA
50
Collector-Emitter Saturation Voltage
集電極-發射極飽和壓降
VCE(sat1)
IC=-1000mA,
IB=-100mA
-0.3
V
VCE(sat2)
IC=-2000mA,
IB=-200mA
-0.5
V


同様の部品番号 - GMA6801

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
GMA64 GTM-GMA64 Datasheet
224Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GMA64 ETL-GMA64 Datasheet
226Kb / 2P
   P N P E P I TA X I A L P L A N A R T R A N S I S TO R
More results

同様の説明 - GMA6801

メーカー部品番号データシート部品情報
logo
Guilin Strong Micro-Ele...
GMC6802 GSME-GMC6802 Datasheet
278Kb / 3P
   Suitable for Driver Stage of Small Motor Complementary to GMA6801
GM8050 GSME-GM8050 Datasheet
298Kb / 3P
   Low Frequency Power Amplifier Suitable for Driver Stage of Small Motor Complementary to GM8550
GM8550 GSME-GM8550 Datasheet
298Kb / 3P
   Low Frequency Power Amplifier Suitable for Driver Stage lf Small Motor Complementary to GM8050
logo
SHIKUES Electronics
2SA1362 SKTECHNOLGY-2SA1362 Datasheet
614Kb / 1P
   Suittable for driver stage of small motor
logo
NEC
2SB1117 NEC-2SB1117 Datasheet
158Kb / 2P
   Suitable for driver of solenoid or motor, or electronic flash
logo
Continental Device Indi...
CTN635 CDIL-CTN635 Datasheet
81Kb / 4P
   Complementary Transistors in Plastic Package for Driver Stage of Audio Amplifier
logo
MAKO SEMICONDUCTOR CO.,...
2SC2884 MAKOSEMI-2SC2884 Datasheet
102Kb / 2P
   Suitable for output stage of 3 watts amplifier.
logo
SHIKUES Electronics
2SA1203 SKTECHNOLGY-2SA1203 Datasheet
1Mb / 2P
   Suitable For Output Stage of 3 Waits Amplifier
logo
eleflow technologies co...
2SC2312 ELEFLOW-2SC2312 Datasheet
117Kb / 2P
   Especially suitable for the output stage of 27MHz 4W AM
logo
List of Unclassifed Man...
28BYJ-48 ETC1-28BYJ-48 Datasheet
198Kb / 1P
   The 28BYJ-48 is a small stepper motor suitable for a large range of applications.
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com