データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1.5KPS16A データシート(PDF) 4 Page - Solid States Devices, Inc

部品番号 ST1.5KPS16A
部品情報  BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSDI [Solid States Devices, Inc]
ホームページ  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

ST1.5KPS16A データシート(HTML) 4 Page - Solid States Devices, Inc

  ST1.5KPS16A Datasheet HTML 1Page - Solid States Devices, Inc ST1.5KPS16A Datasheet HTML 2Page - Solid States Devices, Inc ST1.5KPS16A Datasheet HTML 3Page - Solid States Devices, Inc ST1.5KPS16A Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00028C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
ST1.5KPS6.8 thru ST1.5KPS440
and
ST1.5KPB6.8 thru ST1.5KPB440
FIGURE 1
DIMENSIONS
DIM
MIN
MAX
A
0.190”
0.210”
B
0.355”
0.385”
C
1.00”
––
D
0.038”
0.042”
C
B
C
ØA
ØD
FIGURE 2
FIGURE 3


同様の部品番号 - ST1.5KPS16A

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
ST1.5KPS440 SSDI-ST1.5KPS440 Datasheet
201Kb / 4P
   1,500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
ST1.5KPS6.8 SSDI-ST1.5KPS6.8 Datasheet
201Kb / 4P
   1,500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - ST1.5KPS16A

メーカー部品番号データシート部品情報
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
1.5KE6.8CL EIC-1.5KE6.8CL Datasheet
68Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE36CA EIC-QP6KE36CA Datasheet
297Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com