データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1323X データシート(PDF) 5 Page - Freescale Semiconductor, Inc

部品番号 MC1323X
部品情報  Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC1323X データシート(HTML) 5 Page - Freescale Semiconductor, Inc

  MC1323X_1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC1323X_1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
MC1323x Advance Information, Rev. 0.0
Freescale Semiconductor
5
— Optional watchdog timer (COP)
— Illegal opcode detection
1.8V to 3.6V operating voltage with on-chip voltage regulators.
Up to 32 GPIO
— Hysteresis and selectable pull-up resistors on all input pins
— Configurable slew rate and drive strength on all output pins.
-40°C to +85°C temperature range
RoHS-compliant 7x7 mm 48-pin LGA package
2.3
Software Solutions
Freescale provides a powerful software environment called the Freescale BeeKit Wireless Connectivity
Toolkit. BeeKit is a comprehensive codebase of wireless networking libraries, application templates, and
sample applications. The BeeKit Graphical User Interface (GUI), part of the BeeKit Wireless Connectivity
Toolkit, allows users to create, modify, and update various wireless networking implementations. A wide
range of software functionality is available to complement the MC1323x and these are provided as
codebases within BeeKit. The following sections describe the available tools.
2.3.1
Simple Media Access Controller (SMAC)
The Freescale Simple Media Access Controller (SMAC) is a simple ANSI C based code stack available
as sample source code. The SMAC can be used for developing proprietary RF transceiver applications
using the MC1323x.
Supports point-to-point and star network configurations
Proprietary networks
Source code and application examples provided
2.3.2
IEEE® 802.15.4 2006 Standard-Compliant MAC
The Freescale 802.15.4 Standard-Compliant MAC is a code stack available as object code. The 802.15.4
MAC can be used for developing MC1323x networking applications based on the full IEEE® 802.15.4
Standard that use custom Network Layer and application software.
Supports star, mesh and cluster tree topologies
Supports beaconed networks
Supports GTS for low latency
Multiple power saving modes
AES-128 Security module
802.15.4 Sequence support
802.15.4 Receiver Frame filtering.


同様の部品番号 - MC1323X_1

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
More results

同様の説明 - MC1323X_1

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC1323X FREESCALE-MC1323X Datasheet
391Kb / 36P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com