データシートサーチシステム |
|
TP1S44JSTB データシート(PDF) 2 Page - GREATECS |
|
TP1S44JSTB データシート(HTML) 2 Page - GREATECS |
2 / 2 page Tactile Switches Standard 6 x 6 mm Tactile Switches TP1 Series sales@greatecs.com www.greatecs.com MATERIAL Base: UL94V-0 Nylon Thermoplastic (TP1H) UL94V-0 Nylon High-Temp. Thermoplastic (TP1S) Cover: Stainless steel Stem: UL94V-0 Nylon Thermoplastic (TP1H) UL94V-0 Nylon High-Temp. Thermoplastic (TP1S) Color: Black(100gf) , Brown(160gf) , Red(260gf) , Salmon(320gf) , Yellow(520gf) Contact Disc: Phosphor bronze with silver cladding (TP1H) Stainless Steel (TP1S) Terminal: Brass with silver plated ADDITIONAL ELECTRICAL SPECIFICATIONS Contact Resistance: 100m max. Insulation Resistance: 100M min. 500VDC Dielectric Strength: 250 VAC / 1 minute SOLDERING PROCESS TP1H: Reflow Temperature Profile: (reference) WAVE SOLDERING: Recommended solder temperature at 500°F(260)max. 5 seconds subject to PBC 1.6mm thickness ( For through hole type ) Hand soldering: Use a soldering iron of 30 watts controlled at 350°C approximately max 5 seconds while applying solder. TP1S: HAND SOLDERING : Use a soldering iron of 30 watts, controlled at 350 approximately 5 seconds while applying solder. REFLOW SOLDERING: When applying reflow soldering, the peak temperature or the reflow oven should be set to 260°C max. PACKING UNIT Partnumber No. / Bag Partnumber No. / Tube Partnumber No. / Reel TP1H_ _BK 1000 TP1H1_TB 77 TP1S1_TR 1000 TP1H2_TB 77 TP1S2_TR 900 TP1S1_TB 77 TP1S3_TR 700 TP1S2_TB 77 TP1S44_TR 500 TP1S3_TB 77 TP1S48_TR 500 TP1S44_TB 77 TP1S5_TR 380 TP1S48_TB 77 TP1S5_TB 77 TP1S6_TB 77 |
同様の部品番号 - TP1S44JSTB |
|
同様の説明 - TP1S44JSTB |