データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1276-3ACPZ-RL データシート(PDF) 5 Page - Analog Devices

部品番号 ADM1276-3ACPZ-RL
部品情報  Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1276-3ACPZ-RL データシート(HTML) 5 Page - Analog Devices

  ADM1276-3ACPZ-RL Datasheet HTML 1Page - Analog Devices ADM1276-3ACPZ-RL Datasheet HTML 2Page - Analog Devices ADM1276-3ACPZ-RL Datasheet HTML 3Page - Analog Devices ADM1276-3ACPZ-RL Datasheet HTML 4Page - Analog Devices ADM1276-3ACPZ-RL Datasheet HTML 5Page - Analog Devices ADM1276-3ACPZ-RL Datasheet HTML 6Page - Analog Devices ADM1276-3ACPZ-RL Datasheet HTML 7Page - Analog Devices ADM1276-3ACPZ-RL Datasheet HTML 8Page - Analog Devices ADM1276-3ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
ADM1276
Rev. 0 | Page 5 of 48
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Foldback Active
3.5
4
4.5
mV
VFLB = 0 V; VGATE = (SENSE+) + 3 V; IGATE = 0 μA; VSS ≥ 1 V
9.6
10
10.4
mV
VISET > 1.0 V; VFLB = 0.5 V; VGATE = (SENSE+) + 3 V; IGATE = 0 μA;
VSS ≥ 1 V
Circuit Breaker Offset
VCBOS
0.6
0.88
1.12
mV
Circuit breaker trip voltage, VCB = VSENSECL − VCBOS
SEVERE OVERCURRENT
Voltage Threshold
VSENSEOC
40
50
mV
VISET = 1.0 V; VFLB > 1.1 V; VSS ≥ 2 V
9.5
13.0
mV
VISET = 0.25 V; VFLB > 1.1 V; VSS ≥ 2 V
Short Glitch Filter Duration
90
200
ns
VISET > 1.65 V; VSENSE driven from 18 mV to 52 mV; selectable via
PMBus
Long Glitch Filter Duration
(Default)
530
900
ns
VSENSE driven from 18 mV to 52 mV
Response Time
With Short Glitch Filter
180
370
ns
2 mV overdrive maximum severe overcurrent threshold
With Long Glitch Filter
645
1020
ns
SOFT START (SS PIN)
SS Pull-Up Current
ISS
−12
−10
−8
μA
VSS = 0 V
Default VSENSECL Limit
0.5
1.25
1.8
mV
When VSENSE reaches this level, ISS is enabled, ramping VSENSECL;
VSS = 0 V
SS Pull-Down Current
100
μA
VSS = 1 V
TIMER PIN
Timer Pull-Up Current
ITIMERUP
Power-On Reset(POR)
ITIMERUPPOR
−2
−3
−4
μA
Initial power-on reset; VTIMER = 0.5 V
Overcurrent (OC) Fault
ITIMERUPFLT
−57
−60
−63
μA
Overcurrent fault; 0.2 V ≤ VTIMER ≤ 1 V
Timer Pull-Down Current
Retry
ITIMERDNRT
1.7
2
2.3
μA
After fault when GATE is off; VTIMER = 0.5 V
Hold
ITIMERDNHOLD
100
μA
Holds TIMER at 0 V when inactive; VTIMER = 0.5 V
Timer Retry/OC Fault
Current Ratio
3.33
3.8
%
Defines the limits of the autoretry duty cycle
Timer High Threshold
VTIMERH
0.98
1.0
1.02
V
Timer Low Threshold
VTIMERL
0.18
0.2
0.22
V
FOLDBACK (FLB PIN)
FLB and PWRGD Threshold
VFLBTH
1.08
1.1
1.12
V
FLB rising; VISET = 1.0 V
Input Current
IFLB
100
nA
VFLB ≤ 1.0 V; VISET = 1.25 V
100
nA
VVCAP ≤ VFLB ≤ 20 V
Hysteresis Current
1.7
2.3
μA
Internal Hysteresis Voltage
1.9
3.1
mV
Voltage drop across the internal 1.3 kΩ resistor
Power-Good Glitch Filter
PWRGDGF
0.3
0.7
1
μs
50 mV overdrive
Minimum Foldback Clamp
200
mV
Accuracies included in total sense voltage accuracies
VOUT PIN
Input Current
20
μA
VOUT = 20 V
LATCH PIN
Output Low Voltage
VOL_LATCH
0.4
V
ILATCH = 1 mA
1.5
V
ILATCH = 5 mA
Leakage Current
100
nA
VLATCH ≤ 2 V; LATCH output high-Z
1
μA
VLATCH = 20 V; LATCH output high-Z
ENABLE PIN
No internal pull-up present on this pin
Leakage Current
100
nA
VGPO2 ≤ 2 V
1
μA
VGPO2 = 20 V
Input High Voltage
VIH
1.1
V
Input Low Voltage
VIL
0.8
V


同様の部品番号 - ADM1276-3ACPZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

同様の説明 - ADM1276-3ACPZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
   Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
   High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Texas Instruments
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com