データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7511W データシート(PDF) 4 Page - Analog Devices

部品番号 ADV7511W
部品情報  165 MHz, High Performance HDMI Transmitter 3D video support
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7511W データシート(HTML) 4 Page - Analog Devices

  ADV7511W Datasheet HTML 1Page - Analog Devices ADV7511W Datasheet HTML 2Page - Analog Devices ADV7511W Datasheet HTML 3Page - Analog Devices ADV7511W Datasheet HTML 4Page - Analog Devices ADV7511W Datasheet HTML 5Page - Analog Devices ADV7511W Datasheet HTML 6Page - Analog Devices ADV7511W Datasheet HTML 7Page - Analog Devices ADV7511W Datasheet HTML 8Page - Analog Devices ADV7511W Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADV7511W
Rev. 0 | Page 4 of 12
Parameter
Test Conditions/
Comments
Temp
Test
Level1
Min
Typ
Max
Unit
AUDIO AC TIMING
SCLK Duty Cycle
When N/2 Is an Even Number
Full
IV
40
50
60
%
When N/2 Is an Odd Number
Full
IV
49
50
51
%
I2S[3:0], SPDIF Setup Time (tASU)
Full
IV
2
ns
I2S[3:0], SPDIF Hold Time (tAHLD)
Full
IV
2
ns
LRCLK Setup Time (tASU)
Full
IV
2
ns
LRCLK Hold Time (tAHLD)
Full
IV
2
ns
CEC
CEC_CLK Frequency
Full
VIII
3
124
100
MHz
CEC_CLK Accuracy
Full
VIII
−2
+2
%
I2C INTERFACE
SCL Clock Frequency
Full
400
kHz
SDA Setup Time (tDSU)
Full
100
ns
SDA Hold Time (tDHO)
Full
100
ns
Setup for Start (tSTASU)
Full
0.6
μs
Hold Time for Start (tSTAH)
Full
0.6
μs
Setup for Stop (tSTOSU)
Full
0.6
μs
1 See the
section.
Explanation of Test Levels
2 This is measured at 0.9 V. The relationship between clock and data is programmable in 400 ps steps.
3 UI is the unit interval.
4 12 MHz crystal oscillator for default register settings.


同様の部品番号 - ADV7511W

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511WBSWZ AD-ADV7511WBSWZ Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511WBSWZ-RL AD-ADV7511WBSWZ-RL Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
More results

同様の説明 - ADV7511W

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
AD9389 AD-AD9389_15 Datasheet
1Mb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
AD9389 AD-AD9389 Datasheet
908Kb / 48P
   800 MHz High Performance HDMI/DVI Transmitter
REV. 0
ADV7511KSTZ-P AD-ADV7511KSTZ-P Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511 AD-ADV7511 Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
   225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
AD9889A AD-AD9889A_15 Datasheet
254Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
AD9889B AD-AD9889B Datasheet
295Kb / 12P
   High Performance HDMI/DVI Transmitter
Rev. PrA
AD9889B AD-AD9889B_07 Datasheet
307Kb / 12P
   High Performance HDMI/DVI Transmitter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com