データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA16846-2 データシート(PDF) 10 Page - Infineon Technologies AG

部品番号 TDA16846-2
部品情報  Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846-2 データシート(HTML) 10 Page - Infineon Technologies AG

Back Button TDA16846-2 Datasheet HTML 6Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 7Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 8Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 9Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 10Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 11Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 12Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 13Page - Infineon Technologies AG TDA16846-2 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TDA 16846/16846-2
TDA 16847/16847-2
Version 2.0
10
31 Jul 2003
Fold Back Point Correction PVC (Pin 11)
V
11 is derived from a voltage divider connected to the rectified mains and reduces the
limit of the possible current maximum in the power transistor if the mains voltage
increases. I.e. this limit is independent of the mains (only active in free running mode).
The maximum current (
I
Mprimary) depending on the voltage V11 at Pin 11 is
:
Off-Time Circuit OTC (Pin 1)
Figure 6 shows the Off-Time Circuit which determines the load dependent frequency
curve. When the driver switches off (Figure 7) the capacitor
C
1 is charged first by current
I
1L (approx. 0.5 mA, for extended ringing suppression time). As soon as the voltage at
pin 3 reaches the level
V
3L (2.5 V), the charging current is switched to the higher value
I
1H (approx. 1 mA, for normal ringing suppression time). This current flows until the
capacitor’s voltage reaches 3.5 V. The charge time TC1 is
:
For proper operation of the special internal anti- jitter circuit, TC1 (rising time for
I
1H only)
should have the same value as the resonance time “tR” of the power circuit (Figure 7).
After charging
C
1 up to 3.5 V the current source is disconnected and C1 is discharged by
resistor
R
1. The voltage V1 at Pin 1 is applied to the Off-Time Comparator (OFTC). The
other input of OFTC is the control voltage. The value of the control voltage at the input
of OFTC is limited to a minimum of 2 V (for stable frequency at very light load). The On-
Time Flip Flop (ONTF) is set, if the output of OFTC is high
1) and the voltage V
3 at Pin 3
falls below 25 mV (zero crossing signal is high). This ensures switching on of the power
transistor at minimum voltage. If no zero crossing signal is coming into pin 3, the power
transistor is switched on after an additional delay until
V
1 falls below 1.5 V (see Figure 6,
OFTCD). As long as
V
1 is higher than the limited control voltage, ONTF is disabled to
suppress wrong zero crossings of
V
3, due to parasitic oscillations from the transformer
after switch-off. The discharge time of
C
1 is a function of the control voltage.
1)
i.e.
V
1 is less than the limited control voltage.
.
Control Voltage
Output Power
Off-time TD1
1.5 - 2 V
Low
Constant (TD1
MAX.), const. frequency stand by
2 - 3.5 V
Medium
Decreasing
3.5 - 5 V
High
Free running, switch-on at first minimum
IMprimary
4V
V
11
3
() R
2
C
2
×
×
Lprimary
------------------------------------------------------------
=
TC1
C1 1,5 V
×
1mA
-------------------------


同様の部品番号 - TDA16846-2

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
TDA16846G INFINEON-TDA16846G Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
More results

同様の説明 - TDA16846-2

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
ICE1QS01 INFINEON-ICE1QS01 Datasheet
484Kb / 21P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
V1.4, 27 April 2004
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_14 Datasheet
574Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
October, 2014 ??Rev. 12
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Panasonic Battery Group
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
   for main and standby power supplies
logo
Panasonic Semiconductor
LC-RA1212 PANASONIC-LC-RA1212 Datasheet
62Kb / 1P
   For main and standby power supplies.
logo
Panasonic Battery Group
LC-R064R2P PANASONICBATTERY-LC-R064R2P Datasheet
39Kb / 1P
   For main and standby power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com