データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N2845B データシート(PDF) 4 Page - Microsemi Corporation

部品番号 1N2845B
部品情報  50 WATT ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N2845B データシート(HTML) 4 Page - Microsemi Corporation

  1N2845B Datasheet HTML 1Page - Microsemi Corporation 1N2845B Datasheet HTML 2Page - Microsemi Corporation 1N2845B Datasheet HTML 3Page - Microsemi Corporation 1N2845B Datasheet HTML 4Page - Microsemi Corporation 1N2845B Datasheet HTML 5Page - Microsemi Corporation 1N2845B Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
50 WATT ZENER DIODES
Qualified per MIL-PRF-19500/114
T4-LDS-0076 Rev. 2 (101151)
Page 4 of 6
* JEDEC Registered Data.
** Not JEDEC Data.
† Have JAN, JANTX and JANTXV Qualifications to MIL-S-19500/114.
See further notes on following page.
NOTES:
1. The JEDEC type numbers shown (B suffix) have a +/- 5% tolerance on nominal zener voltage. If other
tolerance is required consult factory. The suffix A is used to identify +/-10% tolerance; no suffix or just R
indicates +/-20% tolerance: C suffix indicates +/-2% tolerance; and D suffix indicates +/-1%.
2. Standard polarity units have the anode connected to the case. Reverse polarity (cathode-to-case) units are
available and are indicated by suffix R in the part number.
3. Zener Voltage (VZ) is measured with junction in thermal equilibrium with 30°C base temperature. The test
currents (IZT) have been selected so that at nominal voltages the dissipation is a constant 12.5 watts. This
results in a nominal junction temperature rise of 18.75
°C.
4. The zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms
value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is
measured at 2 points to ensure a sharp knee on the breakdown curve and to eliminate unstable units. A curve
showing the variation of zener impedance vs. zener current for six representative types is shown in Figure 3.
Also see MicroNote 202 for further information.
5. The values of IZM are calculated for a +/-5% tolerance on nominal zener voltage. Allowance has been made
for the rise in zener voltage above VZT that results from zener impedance and the increase in junction
temperature as power dissipation approaches 50 watts. In the case of individual diodes, IZM is that value of
current that results in a dissipation of 50 watts.


同様の部品番号 - 1N2845B

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N2845B MICROSEMI-1N2845B Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
1N2845B MICROSEMI-1N2845B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N2845B NJSEMI-1N2845B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
More results

同様の説明 - 1N2845B

メーカー部品番号データシート部品情報
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com