データシートサーチシステム |
|
2N1132 データシート(PDF) 2 Page - Microsemi Corporation |
|
2N1132 データシート(HTML) 2 Page - Microsemi Corporation |
2 / 3 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 Gort Road Business Park, Ennis, Co. Clare, Ireland 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298 Website: http: //www.microsemi.com T4-LDS-0187 Rev. 1 (101882) Page 2 of 3 ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted) (CONT.) Parameters / Test Conditions Symbol Min. Max. Unit ON CHARACTERTICS (3) Forward-Current Transfer Ratio hFE IC = 150mAdc, VCE = 10Vdc 2N1131, L 2N1132, L 20 30 45 90 IC = 5.0mAdc, VCE = 10Vdc 2N1131, L 2N1132, L 15 25 Collector-Emitter Saturation Voltage VCE(sat) Vdc IC = 150mAdc, IB = 15mAdc 1.3 Base-Emitter Saturation Voltage VBE(sat) Vdc IC = 150mAdc, IB = 15mAdc 1.5 DYNAMIC CHARACTERISTICS Parameters / Test Conditions Symbol Min. Max. Unit Small-Signal Short-Circuit Forward-Current Transfer Ratio IC = 1.0mAdc, VCE = 5.0Vdc, f = 1.0kHz 2N1131, L 2N1132, L hfe 15 30 50 90 IC = 5.0mAdc, VCE = 10Vdc, f = 1.0kHz 2N1131, L 2N1132, L 20 30 Small-Signal Open-Circuit Output Admittance hob µmho IC = 1.0mAdc, VCE = 5.0Vdc, f = 1.0kHz IC = 5.0mAdc, VCE = 10Vdc, f = 1.0kHz 1.0 5.0 Small-Signal Short-Circuit Input Impedance Ω IC = 1.0mAdc, VCE = 5.0Vdc, f = 1.0kHz IC = 5.0mAdc, VCE = 10Vdc, f = 1.0kHz hib 25 35 10 Magnitude of Common Emitter Small-Signal Short Circuit Forward-Current Transfer Ratio |hfe| IC = 50mAdc, VCE = 10Vdc, f = 20MHz 2N1131, L 2N1132, L 2.5 3.0 20 20 Output Capacitance Cobo pF VCB = 10Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0MHz 4.5 Iutput Capacitance Cibo pF VEB = 0.5Vdc, IC = 0, 100 kHz ≤ f ≤ 1.0MHz 80 SWITCHING CHARACTERISTICS Parameters / Test Conditions Symbol Min. Max. Unit Turn-On Time + Turn-Off Time (See figure 2 of MIL-PRF-177) ton + toff 50 ηs (3) Pulse Test: Pulse Width = 300 μs, Duty Cycle ≤ 2.0% |
同様の部品番号 - 2N1132 |
|
同様の説明 - 2N1132 |