データシートサーチシステム |
|
2N2904A データシート(PDF) 4 Page - Microsemi Corporation |
|
2N2904A データシート(HTML) 4 Page - Microsemi Corporation |
4 / 4 page TECHNICAL DATA SHEET 6 Lake Street, Lawrence, MA 01841 Gort Road Business Park, Ennis, Co. Clare, Ireland 1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803 Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298 Website: http: //www.microsemi.com T4-LDS-0186 Rev. 1 (101764) Page 4 of 4 NOTES: 1. Dimension are in inches. 2. Millimeters are given for general information only. 3. Beyond r (radius) maximum, TW shall be held for a minimum length of .011 inch (0.28 mm). 4. Dimension TL measured from maximum HD. 5. Body contour optional within zone defined by HD, CD, and Q. 6. Leads at gauge plane .054 +.001, -.000 inch (1.37 +0.03, -0.00 mm) below seating plane shall be within .007 inch (0.18 mm) radius of true position (TP) at maximum material condition (MMC) relative to tab at MMC. The device may be measured by direct methods. 7. Dimension LU applies between L1 and L2. Dimension LD applies between L2 and L minimum. Diameter is uncontrolled in L1 and beyond LL minimum. 8. All three leads. 9. The collector shall be internally connected to the case. 10. Dimension r (radius) applies to both inside corners of tab. 11. In accordance with ASME Y14.5M, diameters are equivalent to φx symbology. 12. For "L" suffix devices, dimension LL is 1.50 (38.10 mm) minimum, 1.75 (44.45 mm) maximum. 13. Lead 1 = emitter, lead 2 = base, lead 3 = collector. FIGURE 1. Physical dimensions (similar to TO-39) PACKAGE DIMENSIONS Dimensions Symbol Inches Millimeters Note Min Max Min Max CD .305 .335 7.75 8.51 CH .240 .260 6.10 6.60 HD .335 .370 8.51 9.40 LC .200 TP 5.08 TP 6 LD .016 .021 0.41 0.53 7, 8 LL .500 .750 12.70 19.05 7, 8, 12 LU .016 .019 0.41 0.48 7, 8 L1 .050 1.27 7, 8 L2 .250 6.35 7, 8 P .100 2.54 Q .050 1.27 5 TL .029 .045 0.74 1.14 4 TW .028 .034 0.71 0.86 3 r .010 0.25 10 α 45 ° TP 45 ° TP 6 |
同様の部品番号 - 2N2904A |
|
同様の説明 - 2N2904A |