データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP1898 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 BCP1898
部品情報  NPN Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP1898 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP1898 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP1898 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BCP1898
1A, 100V
NPN Epitaxial Planar Transistor
10-Dec-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The BCP1898 is designed for switching applications.
MARKING
CLASSIFICATION OF hFE
Product-Rank
BCP1898-P
BCP1898-Q
BCP1898-R
Range
82~180
120~270
180~390
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-89
1K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5.0
V
IC
1
Collector Current
ICP(Single pulse Pw=20ms)
2
A
Total Power Dissipation
PD
500
mW
Junction & Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
BVCBO
100
-
-
V
IC=50µA
Collector-emitter breakdown voltage
BVCEO
80
-
-
V
IC=1mA
Emitter-base breakdown voltage
BVEBO
5
-
-
V
IE=50µA
Collector cut-off current
ICBO
-
-
1
µ
A
VCB=80V
Emitter cut-off current
IEBO
-
-
1
µ
A
VEB=4V
DC current gain
hFE
82
-
390
VCE=3V, IC= 500mA
Collector-emitter saturation voltage
VCE(sat)
-
-
400
mV
IC=500mA, IB= 20mA
Transition frequency
f T
-
100
-
MHz
VCE=10V, IC=50mA, f=100MHz
Output Capacitance
COB
-
25
-
pF
VCB=10V, IE=0, f=1MHz
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.2
0
1 8 9 8
Date Code


同様の部品番号 - BCP1898

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
BCP1898 SECOS-BCP1898_15 Datasheet
329Kb / 2P
   NPN Epitaxial Planar Transistor
More results

同様の説明 - BCP1898

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com