データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CZT5551 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 CZT5551
部品情報  Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

CZT5551 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  CZT5551 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH CZT5551 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
CZT5551
NPN Transistor
Epitaxial Planar Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
The CZT5551 is designed for general
purpose applications requiring high
breakdown voltages.
ELECTRICAL CHARACTERISTICS Tamb=25 C unlessotherwise specified
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100uA,IE=0
180
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA,IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 10uA,IC=0
6
V
Collector cut-off current
ICBO
VCB= 120V,IE=0
50
nA
Emitter cut-off current
IEBO
VEB= 4V,IC=0
50
nA
hFE 1
VCE= 5V, IC= 1mA
80
400
DC current gain
hFE 2
VCE= 5V, IC= 10mA
80
Collector-emitter saturation voltage
VCE(sat)
IC= 10mA,IB= 1mA
0.15
V
Base-emitter saturation voltage
VBE(sat)
IC= 10mA,IB= 1mA
V
Transition frequency
fT
VCE= 10V,IC= 10mA,
f = 100MHz
100
MHz
_
160
1
Collector output capacitance
Cob
VCB= 10V, f=1MHz,IE=0
pF
6
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
hFE 3
VCE= 5V, IC= 50mA
50
_
_
_
300
1
_
VCE(sat)
IC= 50mA,IB= 5mA
0.2
_
2
_
_
1
VBE(sat)
IC= 50mA,IB= 5mA
1
_
_
2
CLASSIFICATION OF hFE
Rank
A
N
C
Range
80-200
100-240
160-400
o
600
6
1.5
160
180
SOT-223
01-Jun-2004 Rev. B
Page 1 of 2
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Description
5 5 5 1
Date Code
B
C
E
MAXIMUM RATINGS* (Tamb =25 , unless otherwise specified)
C
o
Symbol
Parameter
Value
Collector Current-Continuous
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
mA
W
Storage Temperature
-55~-150
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units


同様の部品番号 - CZT5551

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CZT5551 CENTRAL-CZT5551 Datasheet
93Kb / 2P
   NPN SILICON TRANSISTOR
logo
Guangdong Kexin Industr...
CZT5551 KEXIN-CZT5551 Datasheet
35Kb / 1P
   NPN Silicon Transistor
logo
Nanjing International G...
CZT5551 DGNJDZ-CZT5551 Datasheet
1Mb / 4P
   SOT-223 Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
CZT5551 TECHPUBLIC-CZT5551 Datasheet
1Mb / 5P
   NPN Silicon Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
CZT5551-C SECOS-CZT5551-C Datasheet
314Kb / 2P
   NPN Silicon Medium Power Transistor
More results

同様の説明 - CZT5551

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
CZT5401 SECOS-CZT5401 Datasheet
665Kb / 2P
   Epitaxial Planar Transistor
PZTA42 SECOS-PZTA42 Datasheet
757Kb / 1P
   Epitaxial Planar Transistor
PZT4672 SECOS-PZT4672 Datasheet
921Kb / 2P
   Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
   Epitaxial Planar Transistor
BCPA14 SECOS-BCPA14 Datasheet
400Kb / 2P
   Epitaxial Planar Transistor
PZT669A SECOS-PZT669A Datasheet
607Kb / 2P
   Epitaxial Planar Transistor
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
   Epitaxial Planar Transistor
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
   Epitaxial Planar Transistor
PZTA14 SECOS-PZTA14 Datasheet
641Kb / 2P
   Epitaxial Planar Transistor
BCP882 SECOS-BCP882 Datasheet
357Kb / 2P
   Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213 Datasheet
595Kb / 2P
   Epitaxial Planar Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com