データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3X3MLPQ-16L-TR データシート(PDF) 6 Page - Microsemi Corporation

部品番号 3X3MLPQ-16L-TR
部品情報  SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

3X3MLPQ-16L-TR データシート(HTML) 6 Page - Microsemi Corporation

Back Button 3X3MLPQ-16L-TR Datasheet HTML 2Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 3Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 4Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 5Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 6Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 7Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 8Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 9Page - Microsemi Corporation 3X3MLPQ-16L-TR Datasheet HTML 10Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LX2750
Microsemi
Analog Mixed Signal Group
6
Rev. 1.0a
07/14/10
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
BLOCK DIAGRAM
Figure 2 - Simplified block diagram of the LX2750
VIN UVLO
POR
SS_done
LDO_FB
LDO_DRV
0.3V
Bias
Generator
1.25V
0.8V
BST
HDRV
SW
LDRV
9/8
RT
GND
VCC
Hiccup
Hiccup
Reset dominant
FET Drivers
Latchout logic
VIN
START
START
FB
60%*Vp
SS_half_done
60%*0.8V
POR
R
VIN
MODE
MODE SELECTION
VOLTAGE MODE
CONSTANT ON TIME
FCCM
MODE SELECTION
SYNCHRONOUS MODE
DIODE EMULATION MODE
VREF_OC
LDO
PGOOD
PGOOD
FB
COMP
OSC
Digital
start Up
START
START
CLK
HDin
Internal RT
FB
Dis_EA
PWM/PFM control core
IFF
comp
RT
9k
LDOPOR
LDO
amplifier
LDOPOR
SS_DAC
REFIN


同様の部品番号 - 3X3MLPQ-16L-TR

メーカー部品番号データシート部品情報
logo
Agere Systems
3X38FTR AGERE-3X38FTR Datasheet
869Kb / 64P
   OCTAL-FET (Fast Ethernet Transceiver) for 10Base-T/100Base-TX/FX
More results

同様の説明 - 3X3MLPQ-16L-TR

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
NX2305 MICROSEMI-NX2305 Datasheet
579Kb / 19P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER, POWER GOOD & ENABLES
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IRU3073 IRF-IRU3073 Datasheet
238Kb / 21P
   SYNCHRONOUS PWM CONTROLLER WITH OVER-CURRENT PROTECTION / LDO CONTROLLER
logo
Microsemi Corporation
NX2710 MICROSEMI-NX2710 Datasheet
747Kb / 23P
   SINGLE CHANNEL PWM CONTROLLER WITH NMOS LDO CONTROLLER AND 5V BIAS REGULATOR
logo
Anpec Electronics Corop...
APW8724 ANPEC-APW8724 Datasheet
379Kb / 22P
   Common single PWM Controller with Multiform supply Voltage
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Anpec Electronics Corop...
APW8727 ANPEC-APW8727 Datasheet
395Kb / 23P
   Synchronous single PWM Controller with Multiform supply Voltage
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com