データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZT559A データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 PZT559A
部品情報  Silicon Planar Medium Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZT559A データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  PZT559A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZT559A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH PZT559A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH PZT559A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PZT559A
PNP Silicon
Silicon Planar Medium Power Transistor
Elektronische Bauelemente
28-Apr-2011 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
4
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The PZT559A is designed for general purpose switching
and amplifier applications.
FEATURES
4 Amps continuous current, up to 10 Amps peak current.
Excellent gain characteristic specified up to 3 Amps
Very low saturation voltages
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-223
2.5K
13’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-180
V
Collector to Emitter Voltage
VCEO
-140
V
Emitter to Base Voltage
VEBO
-7
V
Collector Current (DC)
IC
-4
A
Collector Current (Pulse)
ICM
-10
A
Total Power Dissipation
1
PD
3
W
Total Power Dissipation
2
1.6
W
Junction, Storage Temperature
TJ, TSTG
+150, -55~150
Notes:
1. Surface mounted on 52mm x 52mm x 1.6mm copper pad of FR4 board.
2. Surface mounted on 25mm x 25mm x 1.6mm copper pad of FR4 board.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.30
6.70
G
0.02
0.10
B
6.70
7.30
H
1.50
2.00
C
3.30
3.70
J
0.25
0.35
D
1.42
1.90
K
0.85
1.05
E
4.60 REF.
L
2.30 REF.
F
0.60
0.80
M
2.90
3.10
I
0.02
0.10
N
13 TYP.
O
0
°
10
°
SOT-223
559A
Date code


同様の部品番号 - PZT559A

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
PZT559A-C SECOS-PZT559A-C Datasheet
704Kb / 4P
   Silicon Planar Medium Power Transistor
PZT559A SECOS-PZT559A_15 Datasheet
1Mb / 4P
   Silicon Planar Medium Power Transistor
More results

同様の説明 - PZT559A

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
PZT2907A SECOS-PZT2907A Datasheet
297Kb / 2P
   Silicon Planar Medium Power Transistor
PZT2222A-C SECOS-PZT2222A-C Datasheet
323Kb / 3P
   Silicon Planar Medium Power Transistor
PZT3906-C SECOS-PZT3906-C Datasheet
224Kb / 2P
   Silicon Planar Medium Power Transistor
PZT3904 SECOS-PZT3904_15 Datasheet
471Kb / 2P
   Silicon Planar Medium Power Transistor
PZT2907A SECOS-PZT2907A_15 Datasheet
297Kb / 2P
   Silicon Planar Medium Power Transistor
PZT3904-C SECOS-PZT3904-C Datasheet
356Kb / 2P
   Silicon Planar Medium Power Transistor
PZT3906 SECOS-PZT3906_15 Datasheet
223Kb / 2P
   Silicon Planar Medium Power Transistor
PZT2907A-C SECOS-PZT2907A-C Datasheet
178Kb / 2P
   Silicon Planar Medium Power Transistor
PZT194 SECOS-PZT194 Datasheet
797Kb / 2P
   Silicon Planar Medium Power Transistor
PZT559A-C SECOS-PZT559A-C Datasheet
704Kb / 4P
   Silicon Planar Medium Power Transistor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com