データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M1.5KE220A データシート(PDF) 2 Page - Microsemi Corporation

部品番号 M1.5KE220A
部品情報  Unidirectional and Bidirectional Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M1.5KE220A データシート(HTML) 2 Page - Microsemi Corporation

  M1.5KE220A Datasheet HTML 1Page - Microsemi Corporation M1.5KE220A Datasheet HTML 2Page - Microsemi Corporation M1.5KE220A Datasheet HTML 3Page - Microsemi Corporation M1.5KE220A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
___________________________________________________________________________________________________________________________________
RF01008 Rev C, September 2010
High Reliability Product Group
Page 2 of 4
MECHANICAL AND PACKAGING
Void-free transfer molded thermosetting epoxy body meeting UL94V-0
Tin-Lead (90 % Sn, 10 % Pb) or RoHS (100% Sn) Compliant annealed matte-Tin plating readily solderable per
MIL-STD-750, method 2026
Body marked with part number
Cathode indicated by band. No cathode band on bi-directional devices.
Available in bulk or custom tape-and-reel packaging
TAPE-AND-REEL standard per EIA-
296 (add “TR” suffix to part number)
WEIGHT: 1.5 gram (approximate)
PACKAGE DIMENSIONS
SYMBOLS & DEFINITIONS
Symbol
Definition
Symbol
Definition
VWM
Working Peak (Standoff) Voltage
IPP
Peak Pulse Current
PPP
Peak Pulse Power
VC
Clamping Voltage
VBR
Breakdown Voltage
IBR
Breakdown Current for VBR
ID
Standby Current
NOTE: Cathode indicated by band
All dimensions in inches
millimeters


同様の説明 - M1.5KE220A

メーカー部品番号データシート部品情報
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com