データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD-3506G データシート(PDF) 9 Page - Microsemi Corporation

部品番号 PD-3506G
部品情報  PowerDsine 3500G Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD-3506G データシート(HTML) 9 Page - Microsemi Corporation

Back Button PD-3506G Datasheet HTML 5Page - Microsemi Corporation PD-3506G Datasheet HTML 6Page - Microsemi Corporation PD-3506G Datasheet HTML 7Page - Microsemi Corporation PD-3506G Datasheet HTML 8Page - Microsemi Corporation PD-3506G Datasheet HTML 9Page - Microsemi Corporation PD-3506G Datasheet HTML 10Page - Microsemi Corporation PD-3506G Datasheet HTML 11Page - Microsemi Corporation PD-3506G Datasheet HTML 12Page - Microsemi Corporation PD-3506G Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
P
Poow
weerrD
Dssiinnee 33550000G
G SSeerriieess
Copyright © 2009
Microsemi
9
Rev 1.1 27-Jul-09
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
Figure 2-1: Power over Ethernet Midspan, Front View (PD-3524G)
2.3
Indicators
A set of indicators displays the status of the Power over Ethernet Midspan
and its ports. Refer to Table 2-1 and Table 2-2 for status information
during operation.
2.3.1 Primary Power Indicators
The “Main” LED on the front panel displays the Power over Ethernet
Midspan power status. When the Main indicator is illuminated in green,
the Midspan is receiving AC power. Refer to Table 2-1 for additional
information.
2.3.2 Port Indications
One uni-color indicator (green), per port, provides port status:
Green indicates that the terminal unit (PD) has
been
identified
as
"Power
over
Ethernet
Enabled", is active and is receiving power.
Blinking green indicates that the port does not
supply power and is inactive.
Refer to Table 2-2 for additional information.
The Power over Ethernet Midspan is not a repeater. As such, the maximum distance from
the Ethernet switch must not exceed 100 meters (328 ft). As specified in the IEEE 802.3
standard, the Power over Ethernet Midspan is guaranteed to work up to this distance.


同様の部品番号 - PD-3506G

メーカー部品番号データシート部品情報
logo
Optoway Technology Inc
PD-3500-F OPTOWAY-PD-3500-F Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-F OPTOWAY-PD-3500-F Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-FB OPTOWAY-PD-3500-FB Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-FB OPTOWAY-PD-3500-FB Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-S OPTOWAY-PD-3500-S Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
More results

同様の説明 - PD-3506G

メーカー部品番号データシート部品情報
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com