データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM0502 データシート(PDF) 1 Page - Microsemi Corporation

部品番号 SM0502
部品情報  CONTROL DEVICES Surface Mount-Melf pin diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SM0502 データシート(HTML) 1 Page - Microsemi Corporation

  SM0502_09 Datasheet HTML 1Page - Microsemi Corporation SM0502_09 Datasheet HTML 2Page - Microsemi Corporation SM0502_09 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM0502 – SM1003
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
TM
®
Copyright
 2007
Rev: 2009-02-25
RoHS Compliant Versions
CONTROL DEVICES
Surface Mount – MELF PIN Diodes
.
D E SCRI PTI ON
This line of ‘MELF’ high power PIN diodes are hermetically sealed
surface mount packaged devices with full face bonded chips for low
inductance construction. The MELF ceramic package has square end
terminations which are ideal for surface mount and pick and place
operations. The PIN diode chips are coated with a special hard glass
passivation which is required for high power applications and to
enhance the reliability resulting in MTBFs of greater than one million
hours.
RoHS compliant versions of these products meet RoHS requirements per EU
Directive 2002/95/EC. The standard terminal finish is gold unless otherwise
specified. Consult the factory if you have special requirements.
APPLICATIONS
The MELF diodes are used as switching, attenuating and phase
shifting elements from HF through 2 GHz and have breakdown
voltage ratings up to 500 volts. ‘Non-magnetic
1’ .Cer-Met. (MELFs)
are also used as switching elements in MRI (magnetic resonance
imaging). Conventional Magnetic MELF packages are used in
Cellular, Beam Steering units (telephone via satellites) surface mount
applications, and Filter Switch banks for Frequency Hopping Radios.
APPLICATIONS/BENEFITS
Designed for Low Loss – Low
Distortion Applications
Switch – Filter Bank
T/R Control
Attenuators
MRI Switching
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of Minimum Rated VB
IR
500
nA
Forward Current (1us Pulse)
IF
1
A
Storage Temperature
TSTG
-55 to +150
ºC
Operating Temperature
TOP
-55 to +150
ºC
KEY FEATURES
Non-Magnetic
1 Versions Ideal for
MRI Applications
Very Low Inductance, Full Face
Bonding
Hi-Rel Hermetic Design
Surface Mount Devices Available
in Tape and Reel
RoHS Compliant
2 Versions
Available
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change, consult factory for the latest information.
These devices are ESD sensitive and must be handled using ESD precautions.
1 ‘Non Magnetic’ refers to any products that
are designed with low and ultra low
magnetic materials for use in MRI systems
2 RoHS versions are supplied with a matte
tin finish.


同様の部品番号 - SM0502_09

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
SM0502 MICROSEMI-SM0502 Datasheet
177Kb / 2P
   CERAMIC MELF PIN DIODES
More results

同様の説明 - SM0502_09

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
MMP70XX-127 MA-COM-MMP70XX-127 Datasheet
682Kb / 4P
   MELF PIN Diodes
logo
Microsemi Corporation
GC4902 MICROSEMI-GC4902 Datasheet
137Kb / 2P
   CONTROL DEVICES - BEAMLEAD PIN DIODES
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
Jinan Gude Electronic D...
ZMM52 JGD-ZMM52 Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
ZMM55C JGD-ZMM55C Datasheet
169Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
Microsemi Corporation
SM0502 MICROSEMI-SM0502 Datasheet
177Kb / 2P
   CERAMIC MELF PIN DIODES
GC4801 MICROSEMI-GC4801 Datasheet
131Kb / 2P
   CONTROL DEVICES Planar Beamlead - PIN Diodes
GC4600 MICROSEMI-GC4600 Datasheet
108Kb / 3P
   CONTROL DEVICES High Power PIN Diodes
GC4410 MICROSEMI-GC4410_1 Datasheet
157Kb / 4P
   CONTROL DEVICES - HIGH VOLTAGE PIN DIODES
logo
RFE international
LL4148 RFE-LL4148 Datasheet
77Kb / 1P
   SURFACE MOUNT: Switching Diodes MELF & SOT-23
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com