データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UFT70 データシート(PDF) 1 Page - Microsemi Corporation

部品番号 UFT70
部品情報  Ultrafast Recovery Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UFT70 データシート(HTML) 1 Page - Microsemi Corporation

  UFT70_10 Datasheet HTML 1Page - Microsemi Corporation UFT70_10 Datasheet HTML 2Page - Microsemi Corporation UFT70_10 Datasheet HTML 3Page - Microsemi Corporation UFT70_10 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ROHS Compliant
Ultrafast Recovery Modules
Electrical Characteristics
F(AV)
F(AV)
C
FSM
FM
rr
RM
J
RM
Thermal and Mechanical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
UFT70, 71 & 72
R
Mounting Torque
Typical thermal resistance (greased)
Weight
0CS
Average forward current per pkg
Average forward current per leg
Case Temperature
Maximum surge current per leg
Max peak forward voltage per leg
Max reverse recovery time per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance per leg
Max thermal resistance per leg
Max thermal resistance per pkg
Operating junction temp range
Storage temp range
0JC
0JC
R
R
J
T
STG
T
C
I
V
t
I
T
I
I
I
Catalog Number
Microsemi
UFT7015*
UFT7010*
Reverse Voltage
Working Peak
150V
100V
Square Wave
Square Wave
Case to sink
10 inch pounds maximum
0.3 ounce (8.4 grams) typical
0.3°C/W
8.3 ms, half sine,
J = 175°C
FM = 35A:
J = 25°C
1/2A, 1A, 1/4A,
J = 25°C
RRM,
J = 125°C
RRM,
J = 25°C
R = 10V,
J = 25°C
T
Junction to case
Junction to case
1.0°C/W
0.5°C/W
-55°C to 175°C
-55°C to 175°C
V
V
T
V
I
T
T
T
T
*
RRM 100 to 800 Volts
175°C Junction temperature
Repetitive Peak
Reverse Voltage
150V
100V
Ultra Fast Recovery
2 X 35 Amp current rating
Common Cathode
A=Common Anode
D=Doubler
N 2-PLCS
L
3 PINS eq sp at .200
K
C
G
M
H
J
1
2
1
2
P
A
1
2
F
3
E
1
2
Notes
Dia.
9.40
8.89
.350
E
.370
.025
.161
.085
.480
.135
.260
.098
.715
1.510
3
N
P
M
L
3
H
J
K
G
F
.151
.015
.460
.065
.088
.240
.115
1.490
.695
3.84
0.38
11.68
1.65
2.24
6.10
2.92
37.85
17.65
12.19
4.09
0.64
2.16
18.16
38.35
2.49
6.60
3.43
1.195
Maximum
.037
Dim. Inches
3
C
A
Minimum
1.180
.027
Minimum
Millimeter
29.97
0.69
30.35
Maximum
0.94
*Add the Suffix A for Common Anode, D for Doubler
UFT7020*
200V
200V
300V
300V
400V
400V
UFT7250*
500V
500V
UFT7260*
600V
600V
UFT7270*
700V
700V
UFT7280*
800V
800V
UFT7120*
UFT7130*
UFT7140*
UFT7150*
V
ROJC = 1.0°C/W
UFT70
UFT71
UFT72
70A
70A
70A
35A
35A
35A
148°C
142°C
138°C
700A
600A
500A
.95V
1.20V
1.35V
50ns
60ns
75ns
3.0mA
25µA
300pF
120pF
115pF
January, 2010 - Rev. 3
www.microsemi.com


同様の部品番号 - UFT70_10

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
UFT7005 MCC-UFT7005 Datasheet
111Kb / 3P
   70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
UFT7005SM MCC-UFT7005SM Datasheet
113Kb / 3P
   70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
logo
Microsemi Corporation
UFT7005SM MICROSEMI-UFT7005SM Datasheet
228Kb / 4P
   ULTRA FAST RECOVERY MODULES
logo
Micro Commercial Compon...
UFT7010 MCC-UFT7010 Datasheet
111Kb / 3P
   70 Amp Supre Fast Recovery Rectifier 50 to 600 Volts
logo
Microsemi Corporation
UFT7010 MICROSEMI-UFT7010 Datasheet
212Kb / 4P
   ULTRA FAST RECOVERY MODULES
More results

同様の説明 - UFT70_10

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
MTT200A60CU GOOD-ARK-MTT200A60CU Datasheet
735Kb / 1P
   Ultrafast Recovery Modules
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010_11 Datasheet
117Kb / 2P
   Ultrafast Recovery Modules
HU20260 MICROSEMI-HU20260_11 Datasheet
128Kb / 2P
   Ultrafast Recovery Modules
UFT150 MICROSEMI-UFT150_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT140 MICROSEMI-UFT140_10 Datasheet
218Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010 Datasheet
126Kb / 2P
   Ultrafast recovery Modules
UFT70SM MICROSEMI-UFT70SM_10 Datasheet
219Kb / 4P
   Ultrafast Recovery Modules
UFT100 MICROSEMI-UFT100_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT120 MICROSEMI-UFT120_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT210 MICROSEMI-UFT210_10 Datasheet
216Kb / 4P
   Ultrafast Recovery Modules
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com