データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM140FL データシート(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SM140FL
部品情報  1.0 A Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM140FL データシート(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM140FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM140FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM140FL Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM120FL ~ SM1100FL
VOLTAGE 20 ~ 100 V
1.0 A Schottky Barrier Rectifiers
Elektronische Bauelemente
15-Dec-2010 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Typical thermal resistance junction to
ambient
1
RθJA
200
°C / W
Typical thermal resistance junction to
lead
2
RθJL
25
DC Reverse Current at Rated DC
Blocking Voltage (Max.)
IR
0.3
mA
Typical Junction Capacitance
3
CJ
30
pF
Operating Temperature Range
TJ
-55 ~ 125
°C
Storage Temperature Range
TSTG
-55 ~ 150
°C
Notes:
1.
Mounted on epoxy substrate with 3 x 3 mm CU pads (≧ 40
 m thick).
2.
Mounted with minimum recommended pad size, PC Board FR4.
3.
Measured at f=1.0MHz, VR=4.0V


同様の部品番号 - SM140FL

メーカー部品番号データシート部品情報
logo
Rectron Semiconductor
SM140 RECTRON-SM140 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM140 BYTES-SM140 Datasheet
148Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SM140 FORMOSA-SM140 Datasheet
66Kb / 2P
   Silicon epitaxial planer type
logo
DAESAN ELECTRONIC CORP.
SM140 DAESAN-SM140 Datasheet
264Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 20 to 60 Volts
logo
UNIOHM CORPORATION
SM140 UNIOHM-SM140 Datasheet
62Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SM140FL

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM1150B SECOS-SM1150B_15 Datasheet
351Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1200A SECOS-SM1200A Datasheet
52Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1150B SECOS-SM1150B Datasheet
351Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1200B SECOS-SM1200B Datasheet
102Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1200A SECOS-SM1200A_15 Datasheet
57Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SM1200B SECOS-SM1200B_15 Datasheet
102Kb / 2P
   1.0 A Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L_15 Datasheet
107Kb / 2P
   1.0 A Surface Mount Schottky Barrier Rectifiers
SCS160V SECOS-SCS160V Datasheet
185Kb / 2P
   1.0 A, 60 V Schottky Barrier Rectifiers
SSCD102L SECOS-SSCD102L Datasheet
107Kb / 2P
   1.0 A Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
   1.0 AMP. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com