データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM1040D1 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SM1040D1
部品情報  10.0 AMP Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1040D1 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM1040D1 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1040D1 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM1020D1 THRU SM10100D1
VOLTAGE 20V ~ 100V
10.0 AMP Surface Mount Schottky Barrier Rectifiers
D-Pack
FEATURES
. Low forward voltage drop
. High current capability
. High reliability
. High surge current capability
. Epitaxial construction
MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Metallurgically bonded construction
. Polarity: Color band denotes cathode end
. Mounting position: Any
. Weight: 0.70 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
am
C
O
bient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
UNITS
Maximum Recurrent Peak Reverse Voltage
V
Working Peak Reverse Voltage
V
Maximum DC Blocking Voltage
20
40
V
Current, See Fig. 1
10.
on rated load (JEDEC method)
60
100
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3 mS single
half Sine-wave superimposed
Maximum Instantaneous Forward Voltage
Typical Junction Capacitance (Note 1)
250
pF
Typical Thermal Resistance R JC
10
/ W
SM1020D1
20
20
SM1040D1
40
40
At 5.0A per leg.
V
Maximum DC Reverse Current
Ta=25
At Rated DC Blocking Voltage
Ta=100
0.55
0.3
45
SM1060D1
60
60
0.65
0.15
22.5
SM10100D1
100
100
0.83
0.05
7.5
mA
C
O
C
O
Operating Temperature Range TJ
-50 ~ +150
Storage Temperature Range TSTG
-65 ~ +175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
0.2
0.2
0.1
6.6
5.3
0.1
0.8
0.7
2.3
0.1
0.6
1.5Max
0.3
1.2
0.1
0.5
0.1
2.3
0.2
0.1
0.3
0.1
0.1
PIN 1
PIN 3
CASE
PIN 2
Dimensions in millimeters
1
2
3
2
0 -
-200 Rev.
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


同様の部品番号 - SM1040D1

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM1040D1 SECOS-SM1040D1 Datasheet
105Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

同様の説明 - SM1040D1

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM1020DS1 SECOS-SM1020DS1 Datasheet
165Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM1020D1 SECOS-SM1020D1 Datasheet
105Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM1020C SECOS-SM1020C Datasheet
160Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM1020D SECOS-SM1020D Datasheet
72Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10150 SECOS-SP10150 Datasheet
62Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF1020 GWSEMI-SRF1020 Datasheet
72Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK1045CL SECOS-SK1045CL_15 Datasheet
206Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com