データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM30100D データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SM30100D
部品情報  30A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM30100D データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM30100D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM30100D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM30100D
VOLTAGE 100 V
30A Schottky Barrier Rectifiers
03-
Jan-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
D
P
O
G E
F
H
K
L
J
M
N
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208 guaranteed
Polarity: As Marked
Mounting position: Any
Weight: 2.24 grams
MAXIMUM RATINGS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
PARAMETER
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum RMS Voltage
VRMS
70
V
Maximum DC Blocking Voltage
VDC
100
V
Maximum Average Forward Rectified Current (per leg)
(per device)
IF
15
30
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
200
A
TA=25°C
0.85
Maximum Instantaneous Forward Voltage
@15A
TA=100°C
VF
0.72
V
TA=25°C
0.1
Maximum Reverse Current at Rated VRRM
Per Diode (Note 3)
TA=100°C
IR
5
mA
Typical Junction Capacitance (Note 1 )
CJ
350
pF
Voltage Rate Of Change
dv/dt
10000
V/us
RθJA
50
°C/W
Typical Thermal Resistance
RθJc
3.0
°C/W
Operating & Storage Temperature
TJ ,TSTG
-55~150
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Thermal Resistance Junction to Case.
3.
Plus test: 300uS Pulse width, 1% duty cycle..
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
9.50
10.50
H
1.50 REF.
C
4.30
4.80
J
2.54 TYP.
D
1.17
1.45
K
-
-
E
9.50
10.50
L
0.71
1.00
F
4.33
5.93
M
1.17
1.47
G
8.50
9.00
P
0.31
0.53
TO-263(D
2-PACK)


同様の部品番号 - SM30100D

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
More results

同様の説明 - SM30100D

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D Datasheet
298Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30150CT MORESEMI-MBR30150CT Datasheet
955Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D_15 Datasheet
236Kb / 2P
   30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30100FCT MORESEMI-MBR30100FCT Datasheet
785Kb / 2P
   30A Schottky Barrier Rectifiers
MBR30150FCT MORESEMI-MBR30150FCT Datasheet
858Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM3060D SECOS-SM3060D_15 Datasheet
244Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR3045CT MORESEMI-MBR3045CT Datasheet
755Kb / 2P
   30A Schottky Barrier Rectifiers
MBR3045FCT MORESEMI-MBR3045FCT Datasheet
930Kb / 2P
   30A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SB3040CT FRONTIER-SB3040CT Datasheet
511Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIERS
logo
MORE Semiconductor Comp...
MBR30100CT MORESEMI-MBR30100CT Datasheet
880Kb / 2P
   30A Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com