データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28134 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL28134
部品情報  5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28134 データシート(HTML) 1 Page - Intersil Corporation

  ISL28134 Datasheet HTML 1Page - Intersil Corporation ISL28134 Datasheet HTML 2Page - Intersil Corporation ISL28134 Datasheet HTML 3Page - Intersil Corporation ISL28134 Datasheet HTML 4Page - Intersil Corporation ISL28134 Datasheet HTML 5Page - Intersil Corporation ISL28134 Datasheet HTML 6Page - Intersil Corporation ISL28134 Datasheet HTML 7Page - Intersil Corporation ISL28134 Datasheet HTML 8Page - Intersil Corporation ISL28134 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op
Amp
ISL28134
The ISL28134 is a single, chopper-stabilized zero-drift
operational amplifier optimized for single and dual supply
operation from 2.25V to 6.0V and ±1.125V and ±3.0V. The
ISL28134 features very low input offset voltage and low noise
with no 1/f noise corner down to 0.1Hz. The ISL28134 is
designed to have ultra low offset voltage and offset temperature
drift, wide gain bandwidth and rail-to-rail input/output swing
while minimizing power consumption.
This amplifier is ideal for amplifying the sensor signals of analog
front-ends that include pressure, temperature, medical, strain
gauge and inertial sensors.
The ISL28134 can be used over standard amplifiers with high
stability over the industrial temperature range of -40°C to
+85°C. The ISL28134 is available in an industry standard pinout
SOIC package.
Applications
• Medical Instrumentation
•Sensor Gain Amps
• Precision Low Drift, Low Frequency ADC Drivers
• Precision Voltage Reference Buffers
• Thermopile, Thermocouple, and other Temperature Sensors
Front-end Amplifiers
• Inertial Sensors
• Process Control Systems
• Weight Scales and Strain Gauge Sensors
Features
• Rail-to-Rail Inputs and Outputs
- CMRR @ VCM = 0.1V beyond VS . . . . . . . . . . . . .135dB, typ.
-VOH and VOL . . . . . . . . . . . . . . . . . . . . . . 10mV from VS, typ.
• No 1/f Noise Corner Down to 0.1Hz
- Input Noise Voltage . . . . . . . . . . . . . . . . .10 nV/
√Hz @ 1kHz
- 0.1Hz to 10Hz Noise Voltage . . . . . . . . . . . . . . . . 250nVP-P
• Low Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5µV, Max
• Superb Offset Drift. . . . . . . . . . . . . . . . . . . . . . . 15nV/°C, Max
• Single Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.25V to 6.0V
• Dual Supply . . . . . . . . . . . . . . . . . . . . . . . . . ±1.125V to ±3.0V
•Low ICC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .675µA, typ.
• Wide Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5MHz
•Operating Temperature Range
- Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
-Full Industrial (Coming Soon) . . . . . . . . . .-40°C to +125°C
•Packaging
- Single: SOIC, SOT-23, µTDFN (1.6mmx1.6mm)
Related Literature
• See AN1641, “ISL28134 Evaluation Board Manual”
• See AN1560, “Making Accurate Voltage Noise and Current
Noise Measurements on Operational Amplifiers Down to
0.1Hz”
FIGURE 1. TYPICAL APPLICATION
100
1MΩ
+
-
GND
100
ANALOG
1MΩ
VOUT
3V
HIGH GAIN AMPLIFIER
AV = 10,000 V/V
0.1µ
RL
SINGLE SUPPLY
SENSOR INPUT
FIGURE 2. VOS HISTOGRAM VS = 5V
-2.0 -1.5 -1.0 -0.5
-2.5
0
200
400
600
800
1000
1200
0
0.5
1.0
1.5
2.0
2.5
1400
VOS (µV)
Vs = ±2.5V
N = 2330
VCM = 0V
T = -40°C to +85°C
June 8, 2011
FN6957.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


同様の部品番号 - ISL28134

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134 INTERSIL-ISL28134 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28134 INTERSIL-ISL28134 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results

同様の説明 - ISL28134

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Intersil Corporation
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precis Op Amp
October 14, 2014
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LTC1152 LINER-LTC1152 Datasheet
240Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
LT1152 LINER-LT1152_15 Datasheet
227Kb / 8P
   Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com