データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28118 データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL28118
部品情報  40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118 データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL28118_11 Datasheet HTML 7Page - Intersil Corporation ISL28118_11 Datasheet HTML 8Page - Intersil Corporation ISL28118_11 Datasheet HTML 9Page - Intersil Corporation ISL28118_11 Datasheet HTML 10Page - Intersil Corporation ISL28118_11 Datasheet HTML 11Page - Intersil Corporation ISL28118_11 Datasheet HTML 12Page - Intersil Corporation ISL28118_11 Datasheet HTML 13Page - Intersil Corporation ISL28118_11 Datasheet HTML 14Page - Intersil Corporation ISL28118_11 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ISL28118, ISL28218
11
FN7532.2
May 16, 2011
FIGURE 21. PSRR vs FREQUENCY, VS = ±15V
FIGURE 22. PSRR vs FREQUENCY, VS = ±5V
FIGURE 23. OPEN-LOOP GAIN, PHASE vs FREQUENCY, VS = ±15V
FIGURE 24. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 25. GAIN vs FREQUENCY vs RL, VS = ±15V
FIGURE 26. GAIN vs FREQUENCY vs RL, VS = ±5V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
VS = ±15V
CL = 4pF
VCM = 1VP-P
RL = 10k
AV = 1
PSRR-
PSRR+
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
VS = ±5V
CL = 4pF
VCM = 1VP-P
RL = 10k
AV = 1
PSRR-
PSRR+
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
1m
1
10 100 1k 10k 100k 1M 10M100M 1G
FREQUENCY (Hz)
0.1
GAIN
VS = ±15V
RL = 1MΩ
PHASE
0.01
-10
0
10
20
30
40
50
60
70
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RF = 0, RG = ∞
ACL = 1
ACL = 10
ACL = 100
ACL = 1000
RF = 10kΩ, RG = 10Ω
RF = 10kΩ, RG = 100Ω
RF = 10kΩ, RG = 1kΩ
VS = ±5V & ±15V
CL = 4pF
VOUT = 100mVP-P
RL = 2k
100
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
VS = ±15V
AV = +1
VOUT = 100mVp-p
CL = 4pF
RL = 1k
RL = 499
RL = 100
RL = 49.9
RL = OPEN, 100k, 10k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
VS = ±5V
AV = +1
VOUT = 100mVp-p
CL = 4pF
RL = 49.9
RL = 100
RL = 499
RL = OPEN, 100k, 10k
RL = 1k


同様の部品番号 - ISL28118_11

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
More results

同様の説明 - ISL28118_11

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108 INTERSIL-ISL28108 Datasheet
1Mb / 25P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28118M INTERSIL-ISL28118M Datasheet
1Mb / 22P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com