データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA224P13 データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISLA224P13
部品情報  Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224P13 データシート(HTML) 8 Page - Intersil Corporation

Back Button ISLA224P13 Datasheet HTML 4Page - Intersil Corporation ISLA224P13 Datasheet HTML 5Page - Intersil Corporation ISLA224P13 Datasheet HTML 6Page - Intersil Corporation ISLA224P13 Datasheet HTML 7Page - Intersil Corporation ISLA224P13 Datasheet HTML 8Page - Intersil Corporation ISLA224P13 Datasheet HTML 9Page - Intersil Corporation ISLA224P13 Datasheet HTML 10Page - Intersil Corporation ISLA224P13 Datasheet HTML 11Page - Intersil Corporation ISLA224P13 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ISLA224P
8
FN7570.0
May 19, 2011
Absolute Maximum Ratings
Thermal Information
AVDD to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
OVDD to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.4V to 2.1V
AVSS to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 0.3V
Analog Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Clock Inputs to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to AVDD + 0.3V
Logic Input to AVSS . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Logic Inputs to OVSS . . . . . . . . . . . . . . . . . . . . . . . . . . -0.4V to OVDD + 0.3V
Latchup (Tested per JESD-78C;Class 2,Level A) . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
72 Ld QFN (Notes 3, 4) . . . . . . . . . . . . . . . .
23
0.9
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
SYMBOL
CONDITIONS
ISLA224P25
ISLA224P20
ISLA224P13
UNITS
MIN
(Note 5) TYP
MAX
(Note 5)
MIN
(Note 5) TYP
MAX
(Note 5)
MIN
(Note 5) TYP
MAX
(Note 5)
DC SPECIFICATIONS (Note 6)
Analog Input
Full-Scale Analog Input
Range
VFS
Differential
1.95
2.0
2.2
1.95
2.0
2.2
1.95
2.0
2.2
VP-P
Input Resistance
RIN
Differential
600
600
600
Ω
Input Capacitance
CIN
Differential
4.5
4.5
4.5
pF
Full Scale Range Temp.
Drift
AVTC
Full Temp
108
82
75
ppm/°C
Input Offset Voltage
VOS
-7.0
-1.7
7.0
-5.0
-1.7
5.0
-5.0
-1.7
5.0
mV
Common-Mode Output
Voltage
VCM
0.94
0.94
0.94
V
Common-Mode Input
Current (per pin)
ICM
2.6
2.6
2.6
µA/MSPS
Clock Inputs
Inputs Common Mode
Voltage
0.9
0.9
0.9
V
CLKP,CLKN Input Swing
1.8
1.8
1.8
V
Power Requirements
1.8V Analog Supply
Voltage
AVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
1.8V Digital Supply
Voltage
OVDD
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
1.8V Analog Supply
Current
IAVDD
375
389
344
376
293
312
mA
1.8V Digital Supply
Current (Note 6)
I
OVDD
3mA LVDS
90
100
85
93
75
83
mA
Power Supply Rejection
Ratio
PSRR
30MHz, 50mVP-P signal
on AVDD
-65
-65
-65
dB


同様の部品番号 - ISLA224P13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA224P13 INTERSIL-ISLA224P13 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
ISLA224P13 INTERSIL-ISLA224P13 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISLA224P13 RENESAS-ISLA224P13 Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P13 RENESAS-ISLA224P13 Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P13 RENESAS-ISLA224P13 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
More results

同様の説明 - ISLA224P13

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com