データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28118MUZ データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL28118MUZ
部品情報  40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118MUZ データシート(HTML) 5 Page - Intersil Corporation

  ISL28118MUZ Datasheet HTML 1Page - Intersil Corporation ISL28118MUZ Datasheet HTML 2Page - Intersil Corporation ISL28118MUZ Datasheet HTML 3Page - Intersil Corporation ISL28118MUZ Datasheet HTML 4Page - Intersil Corporation ISL28118MUZ Datasheet HTML 5Page - Intersil Corporation ISL28118MUZ Datasheet HTML 6Page - Intersil Corporation ISL28118MUZ Datasheet HTML 7Page - Intersil Corporation ISL28118MUZ Datasheet HTML 8Page - Intersil Corporation ISL28118MUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ISL28118M
5
FN7858.0
May 11, 2011
AVOL
Open-Loop Gain
VO = -3V to +3V, RL = 10kΩ to ground
120
132
dB
110
dB
VOL
Output Voltage Low,
VOUT to V-
RL = 10kΩ
38
mV
45
mV
VOH
Output Voltage High,
V+ to VOUT
RL = 10kΩ
65
mV
70
mV
IS
Supply Current/Amplifier
RL = Open
0.85
1.1
mA
1.4
mA
ISC+
Output Short Circuit Source Current RL = 10Ω to V-
13
mA
ISC-
Output Short Circuit Sink Current
RL = 10Ω to V+
20
mA
AC SPECIFICATIONS
GBWP
Gain Bandwidth Product
ACL = 101, VOUT = 100mVP-P; RL = 2k
3.2
MHz
enp-p
Voltage Noise
0.1Hz to 10Hz
320
nVP-P
en
Voltage Noise Density
f = 10Hz
9
nV/
√Hz
en
Voltage Noise Density
f = 100Hz
5.7
nV/
√Hz
en
Voltage Noise Density
f = 1kHz
5.5
nV/
√Hz
en
Voltage Noise Density
f = 10kHz
5.5
nV/
√Hz
in
Current Noise Density
f = 1kHz
380
fA/
√Hz
THD + N
Total Harmonic Distortion + Noise
1kHz, G = 1, VO = 1.25VRMS, RL =10kΩ
0.0003
%
TRANSIENT RESPONSE
SR
Slew Rate
AV = 1, RL = 2kΩ, VO = 4VP-P
±1
V/µs
tr, tf, Small
Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω, RL =2kΩ to
VCM
100
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 100mVP-P, Rf = 0Ω,
RL = 2kΩ to VCM
100
ns
ts
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = 1, VOUT = 4VP-P, Rf = 0Ω
RL =2kΩ to VCM
4µs
NOTE:
6. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications V
S ±5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -55°C to +125°C. Temperature data established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT


同様の部品番号 - ISL28118MUZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28118MUZ RENESAS-ISL28118MUZ Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118MUZ INTERSIL-ISL28118MUZ Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
More results

同様の説明 - ISL28118MUZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28118M RENESAS-ISL28118M Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118M INTERSIL-ISL28118M_14 Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com