データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA212P13 データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISLA212P13
部品情報  12-Bit, 500MSPS ADC Programmable Built-in Test Patterns
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA212P13 データシート(HTML) 3 Page - Intersil Corporation

  ISLA212P13 Datasheet HTML 1Page - Intersil Corporation ISLA212P13 Datasheet HTML 2Page - Intersil Corporation ISLA212P13 Datasheet HTML 3Page - Intersil Corporation ISLA212P13 Datasheet HTML 4Page - Intersil Corporation ISLA212P13 Datasheet HTML 5Page - Intersil Corporation ISLA212P13 Datasheet HTML 6Page - Intersil Corporation ISLA212P13 Datasheet HTML 7Page - Intersil Corporation ISLA212P13 Datasheet HTML 8Page - Intersil Corporation ISLA212P13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
ISLA212P50
3
FN7843.1
May 25, 2011
10, 11
VINP
Analog Input Positive
15
CLKDIV
Tri-Level Clock Divider Control
16
IPTAT
Temperature Monitor (Output current proportional to absolute temperature)
18
RESETN
Power On Reset (Active Low)
22, 23
CLKP, CLKN
Clock Input True, Complement
24, 25
CLKDIVRSTP, CLKDIVRSTN
Synchronous Clock Divider Reset True, Complement
28, 29
D11N, D11P
LVDS Bit 11 (MSB) Output Complement, True
30, 31
D10N, D10P
LVDS Bit 10 Output Complement, True
33, 34
D9N, D9P
LVDS Bit 9 Output Complement, True
35, 36
D8N, D8P
LVDS Bit 8 Output Complement, True
37, 38
D7N, D7P
LVDS Bit 7 Output Complement, True
39, 40
D6N, D6P
LVDS Bit 6 Output Complement, True
41, 42
D5N, D5P
LVDS Bit 5 Output Complement, True
43, 44
D4N, D4P
LVDS Bit 4 Output Complement, True
46
RLVDS
LVDS Bias Resistor (connect to OVSS with 1% 10k
Ω)
47, 48
CLKOUTN, CLKOUTP
LVDS Clock Output Complement, True
49, 50
D3N, D3P
LVDS Bit 3 Output Complement, True
51, 52
D2N, D2P
LVDS Bit 2 Output Complement, True
53, 54
D1N, D1P
LVDS Bit 1 Output Complement, True
55, 56
D0N, D0P
LVDS Bit 0 (LSB) Output Complement, True
63, 64
ORN, ORP
LVDS Over Range Complement, True
66
SDO
SPI Serial Data Output
67
CSB
SPI Chip Select (active low)
68
SCLK
SPI Clock
69
SDIO
SPI Serial Data Input/Output
Exposed Paddle
AVSS
Analog Ground
Pin Descriptions - 72 Ld QFN, LVDS Mode (Continued)
PIN NUMBER
LVDS PIN NAME
LVDS PIN FUNCTION


同様の部品番号 - ISLA212P13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA212P13 INTERSIL-ISLA212P13 Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA212P13 RENESAS-ISLA212P13 Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA212P13 INTERSIL-ISLA212P13 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
ISLA212P13 INTERSIL-ISLA212P13 Datasheet
963Kb / 34P
   High Performance 14-Bit, 125MSPS ADC
ISLA212P13 INTERSIL-ISLA212P13 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

同様の説明 - ISLA212P13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA214P50_1103 INTERSIL-ISLA214P50_1103 Datasheet
1Mb / 37P
   14-Bit, 500MSPS ADC Programmable Built-in Test Patterns
logo
Renesas Technology Corp
ISLA212P50 RENESAS-ISLA212P50 Datasheet
1Mb / 38P
   12-Bit, 500MSPS ADC
ISLA214P50 RENESAS-ISLA214P50 Datasheet
1Mb / 38P
   14-Bit, 500MSPS ADC
logo
Intersil Corporation
ISLA214P50 INTERSIL-ISLA214P50 Datasheet
953Kb / 39P
   14-Bit, 500MSPS ADC
logo
Maxim Integrated Produc...
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
logo
Maxim Integrated Produc...
MAX101 MAXIM-MAX101 Datasheet
148Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
Rev 0; 8/94
logo
Intersil Corporation
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
logo
Maxim Integrated Produc...
MAX101A MAXIM-MAX101A Datasheet
116Kb / 16P
   500Msps, 8-Bit ADC with Track/Hold
19-1109; Rev 0; 7/96
logo
Intersil Corporation
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com