データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK14C88-3NF35ITR データシート(PDF) 1 Page - Cypress Semiconductor

部品番号 STK14C88-3NF35ITR
部品情報  256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-3NF35ITR データシート(HTML) 1 Page - Cypress Semiconductor

  STK14C88-3NF35ITR Datasheet HTML 1Page - Cypress Semiconductor STK14C88-3NF35ITR Datasheet HTML 2Page - Cypress Semiconductor STK14C88-3NF35ITR Datasheet HTML 3Page - Cypress Semiconductor STK14C88-3NF35ITR Datasheet HTML 4Page - Cypress Semiconductor STK14C88-3NF35ITR Datasheet HTML 5Page - Cypress Semiconductor STK14C88-3NF35ITR Datasheet HTML 6Page - Cypress Semiconductor STK14C88-3NF35ITR Datasheet HTML 7Page - Cypress Semiconductor STK14C88-3NF35ITR Datasheet HTML 8Page - Cypress Semiconductor STK14C88-3NF35ITR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
STK14C88-3
256 Kbit (32K x 8) AutoStore nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-50592 Rev. *D
Revised February 11, 2011
Features
35 ns and 45 ns Access Times
Automatic Nonvolatile STORE on power loss
Nonvolatile STORE under Hardware or Software control
Automatic RECALL to SRAM on power up
Unlimited Read/Write endurance
Unlimited RECALL Cycles
1,000,000 STORE Cycles
100 year Data Retention
Single 3.3V+0.3V Power Supply
Commercial and Industrial Temperatures
32-pin (300mil) SOIC and 32-pin (600 mil) PDIP packages
RoHS compliance
Functional Description
The Cypress STK14C88-3 is a 256 Kb fast static RAM with
a nonvolatile element in each memory cell. The embedded
nonvolatile elements incorporate QuantumTrap technology
producing the world’s most reliable nonvolatile memory. The
SRAM provides unlimited read and write cycles, while
independent, nonvolatile data resides in the highly reliable
QuantumTrap cell. Data transfers from the SRAM to the
nonvolatile elements (the STORE operation) takes place
automatically at power down. On power up, data is restored
to the SRAM (the RECALL operation) from the nonvolatile
memory. Both the STORE and RECALL operations are also
available under software control.
STORE/
RECALL
CONTROL
POWER
CONTROL
SOFTWARE
DETECT
STATIC RAM
ARRAY
512 X 512
Quantum Trap
512 X 512
STORE
RECALL
COLUMN I/O
COLUMN DEC
OE
CE
WE
HSB
VCC
VCAP
A13
- A0
A0 A1 A2 A3 A4 A10
A5
A6
A7
A8
A9
A11
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
Logic Block Diagram
[+] Feedback
[+] Feedback


同様の部品番号 - STK14C88-3NF35ITR

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK14C88-3NF35ITR SIMTEK-STK14C88-3NF35ITR Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3NF35ITR SIMTEK-STK14C88-3NF35ITR Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF35ITR CYPRESS-STK14C88-3NF35ITR Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results

同様の説明 - STK14C88-3NF35ITR

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com