データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5V49EE504NLGI データシート(PDF) 1 Page - Integrated Device Technology

部品番号 5V49EE504NLGI
部品情報  EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V49EE504NLGI データシート(HTML) 1 Page - Integrated Device Technology

  5V49EE504NLGI Datasheet HTML 1Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 2Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 3Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 4Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 5Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 6Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 7Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 8Page - Integrated Device Technology 5V49EE504NLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
DATASHEET
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE504
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
1
IDT5V49EE504
REV F 022310
Description
The IDT5V49EE504 is a programmable clock generator
intended for high performance data-communications,
telecommunications, consumer, and networking
applications. There are four internal PLLs, each individually
programmable, allowing for four unique non-integer-related
frequencies. The frequencies are generated from a single
reference clock. The reference clock can come from one of
the two redundant clock inputs. A glitchless automatic or
manual switchover function allows any one of the redundant
clocks to be selected during normal operation.
The IDT5V49EE504 is in-system, programmable and can
be programmed through the use of I2C interface. An
internal EEPROM allows the user to save and restore the
configuration of the device without having to reprogram it on
power-up.
Each of the four PLLs has an 7-bit reference divider and a
12-bit feedback divider. This allows the user to generate
four unique non-integer-related frequencies. The PLL loop
bandwidth is programmable to allow the user to tailor the
PLL response to the application. For instance, the user can
tune the PLL parameters to minimize jitter generation or to
maximize jitter attenuation. Spread spectrum generation
and/or fractional divides are allowed on two of the PLLs.
There are a total of four 8-bit output dividers. The outputs
are connected to the PLLs via a switch matrix. The switch
matrix allows the user to route the PLL outputs to any
output bank. This feature can be used to simplify and
optimize the board layout. In addition, each output's slew
rate and enable/disable function is programmable.
Features
Four internal PLLs
Internal non-volatile EEPROM
Fast (400kHz) mode I2C serial interface
Input frequency range: 1 MHz to 200 MHz
Output frequency range: 4.9 kHz to 200 MHz
Reference crystal input with programmable linear load
capacitance
– Crystal frequency range: 8 MHz to 50 MHz
Two independently controlled VDDO (1.8V - 3.3V)
Each PLL has a 7-bit reference divider and a 12-bit
feedback-divider
8-bit output-divider blocks
Fractional division capability on one PLL
Two of the PLLs support spread spectrum generation
capability
I/O Standards:
– Outputs - 1.8 - 3.3 V LVTTL/ LVCMOS
– Inputs - 3.3 V LVTTL/ LVCMOS
Programmable slew rate control
Programmable loop bandwidth
Programmable output inversion to reduce bimodal jitter
Redundant clock inputs with glitchless auto and manual
switchover options
Individual output enable/disable
Power-down mode
3.3V core V
DD
Available in VFQFPN package
-40 to +85 C Industrial Temp operation


同様の部品番号 - 5V49EE504NLGI

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
5V49EE504NLGI IDT-5V49EE504NLGI Datasheet
328Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE504NLGI RENESAS-5V49EE504NLGI Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
5V49EE504NLGI8 IDT-5V49EE504NLGI8 Datasheet
328Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE504NLGI8 RENESAS-5V49EE504NLGI8 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results

同様の説明 - 5V49EE504NLGI

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE903 IDT-IDT5V49EE903 Datasheet
361Kb / 31P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com